Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACT818 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT818
Description  8-Bit Diagnostic Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT818 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54ACT818 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 8Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Block Diagram
Functional Description
Data transfers into the diagnostic register occur on the
LOW-to-HIGH transition of DCLK. Mode and SDI determine
what data source will be loaded. The pipeline register is
loaded on the LOW-to-HIGH transition of PCLK. Mode se-
lects whether the data source is the data input or the diag-
nostic register output. Because of the independence of the
clock inputs, data can be shifted in the diagnostic register via
DCLK and loaded into the pipeline register from the data in-
put via PCLK simultaneously, as long as no setup or hold
times are violated. This simultaneous operation is legal.
Function Table
Inputs
Outputs
Operation
SDI
MODE
DCLK
PCLK
SDO
Diagnostic Reg.
Pipeline Reg.
X
L
N
X
S7
SI<SI − 1,
NA
Serial Shift; D
7–D0 Disabled
SO<SD
I
X
L
X
N
S7
NA
PI<DI
Normal Load Pipeline Register
LH
N
X
L
SI<YI
NA
Load Diagnostic Register from Y;
DI Disabled
X
H
X
N
SDI
NA
PI<SI
Load Pipeline Register from
Diagnostic Register
H
H
N
X
H
Hold
NA
Hold Diagnostic Register; DI
Enabled
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
N = LOW-to-HIGH Clock Transition
DS100251-5
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com