Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACT818 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT818
Description  8-Bit Diagnostic Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT818 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54ACT818 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 8Page - National Semiconductor (TI) 54ACT818 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DC Characteristics for ’ACT Family Devices (Continued)
54ACT
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed Limits
I
OLD
Minimum Dynamic
V
OLD = 1.65V Max
Output Current,
5.5
50
mA
Y
0–Y7 Outputs
I
OHD
Minimum Dynamic
V
OHD = 3.85V Min
Output Current,
5.5
−50
mA
Y
0–Y7 Outputs
I
OLD
Minimum Dynamic
V
OLD = 1.65V Max
Output Current,
5.5
32
mA
D
0–D7, SDO Outputs
(Note 4)
I
OHD
Minimum Dynamic
V
OHD = 3.85V Min
Output Current,
5.5
−32
mA
D
0–D7, SDO Outputs
(Note 4)
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: Test load 50 pF, 500
Ω to ground.
Note 5: ICC for 54ACT @ 25˚C is identical to 74ACT @ 25˚C.
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 6)
C
L = 50 pF
Min
Max
t
PHL
Propagation Delay
5.0
2.5
10.0
ns
PCLK to Y
t
PLH
Propagation Delay
5.0
2.5
10.0
ns
PCLK to Y
t
PHL
Propagation Delay
5.0
3.5
12.0
ns
MODE to SDO
t
PLH
Propagation Delay
5.0
3.5
13.5
ns
MODE to SDO
t
PHL
Propagation Delay
5.0
3.0
11.5
ns
SDI to SDO
t
PLH
Propagation Delay
5.0
3.0
12.0
ns
SDI to SDO
t
PHL
Propagation Delay
5.0
3.5
14.0
ns
DCLK to SDO
t
PLH
Propagation Delay
5.0
3.5
15.5
ns
DCLK to SDO
t
PZL
Output Enable Time
5.0
2.5
12.0
ns
OEY to Y
n
t
PLZ
Output Disable Time
5.0
1.5
10.0
ns
OEY to Y
n
t
PZL
Output Enable Time
5.0
3.0
14.0
ns
DCLK to D
n
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com