Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7402 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7402
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7402 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7402 Datasheet HTML 3Page - Analog Devices AD7402 Datasheet HTML 4Page - Analog Devices AD7402 Datasheet HTML 5Page - Analog Devices AD7402 Datasheet HTML 6Page - Analog Devices AD7402 Datasheet HTML 7Page - Analog Devices AD7402 Datasheet HTML 8Page - Analog Devices AD7402 Datasheet HTML 9Page - Analog Devices AD7402 Datasheet HTML 10Page - Analog Devices AD7402 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD7402
Rev. A | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. All voltages are relative to
their respective ground.
Table 7.
Parameter
Rating
VDD1 to GND1
−0.3 V to +6.5 V
VDD2 to GND2
−0.3 V to +6.5 V
Analog Input Voltage to GND1
−1 V to VDD1 + 0.3 V
Output Voltage to GND2
−0.3 V to VDD2 + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Pb-Free Temperature, Soldering
Reflow
260°C
ESD
2 kV
FICDM2
±1250 V
HBM3
± 4000 V
1
Transient currents of up to 100 mA do not cause silicon controlled rectifier
(SCR) to latch up.
2
JESD22-C101; RC network: 1 Ω, package capacitance (CPKG); Class: IV.
3
ESDA/JEDEC JS-001-2011; RC network: 1.5 kΩ, 100 pF; Class: 3A.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Table 8. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Constraint
AC Voltage
Bipolar Waveform
1250
VPEAK
20-year minimum
lifetime (VDE
approved working
voltage)
Unipolar Waveform
1250
VPEAK
20-year minimum
lifetime
DC Voltage
1250
VPEAK
20-year minimum
lifetime
1
Refers to continuous voltage magnitude imposed across the isolation barrier.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com