Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7402 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7402
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7402 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7402 Datasheet HTML 5Page - Analog Devices AD7402 Datasheet HTML 6Page - Analog Devices AD7402 Datasheet HTML 7Page - Analog Devices AD7402 Datasheet HTML 8Page - Analog Devices AD7402 Datasheet HTML 9Page - Analog Devices AD7402 Datasheet HTML 10Page - Analog Devices AD7402 Datasheet HTML 11Page - Analog Devices AD7402 Datasheet HTML 12Page - Analog Devices AD7402 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD7402
Rev. A | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VDD1 = 5 V, VDD2 = 5 V, using sinc3 filter with a 256 oversampling ratio (OSR), unless otherwise noted.
Figure 5. PSRR vs. Supply Ripple Frequency
Figure 6. CMRR vs. Common-Mode Ripple Frequency
Figure 7. SINAD vs. Analog Input Frequency
Figure 8. Fast Fourier Transform (FFT)
Figure 9. Typical DNL Error
Figure 10. Typical INL Error
SUPPLY RIPPLE FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0
200mV p-p SINE WAVE ON VDD1
1nF DECOUPLING
10k
100k
1M
COMMON-MODE RIPPLE FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0
10k
100k
1M
SINC3 OSR = 256 FILTER
UNFILTERED
ANALOG INPUT FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
5.5V
5V
4.5V
10
100
1k
FREQUENCY (kHz)
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
5
10
15
fIN = 35.8Hz
SNR = 87.4dB
SINAD = 86dB
THD = –92dB
CODE (k)
0
10
20
30
40
50
60
70
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
CODE (k)
0
10
20
30
40
50
60
70
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com