Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5355BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADF5355BCPZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF5355BCPZ Datasheet HTML 19Page - Analog Devices ADF5355BCPZ Datasheet HTML 20Page - Analog Devices ADF5355BCPZ Datasheet HTML 21Page - Analog Devices ADF5355BCPZ Datasheet HTML 22Page - Analog Devices ADF5355BCPZ Datasheet HTML 23Page - Analog Devices ADF5355BCPZ Datasheet HTML 24Page - Analog Devices ADF5355BCPZ Datasheet HTML 25Page - Analog Devices ADF5355BCPZ Datasheet HTML 26Page - Analog Devices ADF5355BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Data Sheet
ADF5355
Rev. A | Page 23 of 38
Figure 42. Register 1
REGISTER 1
Control Bits
With Bits[C4:C1] set to 0001, Register 1 is programmed. Figure 42
shows the input data format for programming this register.
Reserved
Bits[DB31:DB28] are reserved and must be set to 0.
24-Bit Main Fractional Value
The 24 FRAC1 bits (Bits[DB27:DB4]) set the numerator of the
fraction that is input to the Σ-Δ modulator. This fraction, along
with the INT value, specifies the new frequency channel that
the synthesizer locks to, as shown in the RF Synthesizer—A
Worked Example section. FRAC1 values from 0 to (MOD1 − 1)
cover channels over a frequency range equal to the PFD
reference frequency.
F24
F23
..........
F2
F1
MAIN FRACTIONAL VALUE (FRAC1)
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
16777212
1
1
..........
0
1
16777213
1
1
..........
1
0
16777214
1
1
.........
1
1
16777215
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3
DB2
DB1
DB0
0
F24
F23
F22
F21
RESERVED
24-BIT MAIN FRACTIONAL VALUE (FRAC1)
CONTROL
BITS
F20
F19
F18
F17
F16
F15
F14
F13
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
C3(0) C2(0) C1(1)
C4(0)
0
0
0
DBR1
1DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com