Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5355BCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADF5355BCPZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355BCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF5355BCPZ Datasheet HTML 25Page - Analog Devices ADF5355BCPZ Datasheet HTML 26Page - Analog Devices ADF5355BCPZ Datasheet HTML 27Page - Analog Devices ADF5355BCPZ Datasheet HTML 28Page - Analog Devices ADF5355BCPZ Datasheet HTML 29Page - Analog Devices ADF5355BCPZ Datasheet HTML 30Page - Analog Devices ADF5355BCPZ Datasheet HTML 31Page - Analog Devices ADF5355BCPZ Datasheet HTML 32Page - Analog Devices ADF5355BCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Data Sheet
ADF5355
Charge Pump Bleed Current
BL8 to BL1 (Bits[DB20:DB13]) control the level of the bleed
current added to the charge pump output. This current
optimizes the phase noise and spurious levels from the device.
Tests have shown that the optimal bleed set is the following:
4/N < IBLEED/ICP < 10/N
where:
N is the value of the feedback counter from the VCO to the PFD.
IBLEED is the value of constant negative bleed applied to the
charge pump, which is set by the contents of Bits[DB20:DB13].
ICP is the value of charge pump current setting, Bits[DB13:DB10] of
Register 4.
Reserved
Bit DB12 is reserved and must be set to 0.
Mute Till Lock Detect
When D8 (Bit DB11) is set to 1, the supply current to the RF
output stage is shut down until the device achieves lock, as
determined by the digital lock detect circuitry.
RF Output B Enable
D7 (Bit DB10) enables or disables the high frequency RF output
(RFOUTB). If DB10 is set to 0, the auxiliary high frequency RF
output is enabled. If DB10 is set to 1, the auxiliary RF output is
disabled.
Reserved
Bits[DB9:DB7] are reserved and must be set to 000.
RF Output A Enable
D3 (Bit DB6) enables or disables the primary RF output
(RFOUTA+/RFOUTA−). If DB6 is set to 0, the primary RF output
is disabled. If DB6 is set to 1, the primary RF output is enabled.
Output Power
D2 and D1 (Bits[DB5:DB4]) set the value of the primary RF
output power level (see Figure 47).
Rev. A | Page 29 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com