Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB-USB5734 Datasheet(PDF) 21 Page - Microchip Technology

Part # EVB-USB5734
Description  EVB-USB5734 Evaluation Board User?셲 Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EVB-USB5734 Datasheet(HTML) 21 Page - Microchip Technology

Back Button EVB-USB5734 Datasheet HTML 17Page - Microchip Technology EVB-USB5734 Datasheet HTML 18Page - Microchip Technology EVB-USB5734 Datasheet HTML 19Page - Microchip Technology EVB-USB5734 Datasheet HTML 20Page - Microchip Technology EVB-USB5734 Datasheet HTML 21Page - Microchip Technology EVB-USB5734 Datasheet HTML 22Page - Microchip Technology EVB-USB5734 Datasheet HTML 23Page - Microchip Technology EVB-USB5734 Datasheet HTML 24Page - Microchip Technology EVB-USB5734 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
EVB-USB5734 Evaluation Board User’s Guide
DS50002350B-page 21
 2015 Microchip Technology Inc.
the PF3 Select switch (SW12) as described below. A “USB 2.0 Susp” LED is also pro-
vided to indicate when USB 2.0 on the USB5734 is in suspend or active mode. When
in suspend mode, this LED will turn on yellow. When in active mode, this LED will turn
on green.
There are two slide switches provided on this daughter card. The PF3 Select switch
(SW12) allows the user to manually select whether PROG_FUNC3 will be driven high
or low. The default position is to slide this switch into the 0 or Low position. With this
switch in the low position, as mentioned above, the associated “PF3” LED will be OFF.
When the PF3 Select switch is switched into the 1 or High position, the associated
“PF3” LED will turn on green. The second slide switch is the Flex_CMD Select switch
(SW9). This switch allows the user to manually set the USB5734 into Flex mode. The
default setup is to slide the Flex_CMD Select switch into the 0 or Low position which
will turn the “FLEXCMD” LED OFF. When the Flex_CMD Select switch is in the 1 or
High position, the “FLEXCMD” LED will turn on orange and the “USB 2.0 Susp” LED
will turn on yellow to indicate that the USB5734 is in Flex mode.
FIGURE 3-1:
IO MODE 1 DAUGHTER CARD
3.1.2
Mode 2: Flex Mode
The Mode 2 IO daughter card configures the USB5734 into Flex Mode. Once inserted
onto the EVB-USB5734, the “3V3” Power LED should turn on green. An SMBus
header J16 is provided as well for accessing the SMDAT and SMCLK signals of the
USB5734 while in Flex Mode. Additionally, the GPIO4/GPIO5 headerJ28 can be used
in this mode to access the digital RX and TX UART signals. When accessing these sig-
nals, the J27 header must be left open and the J5 header must have a shunt placed
across pins 2 and 3.
LEDs “Port0” and “Port1” are indicators for the USB Host bus speed. During Flex
mode either Port 0 or Port 1 can be the USB host, and only the corresponding USB
host LED will turn on. The LED color will indicate the USB host bus speed: yellow indi-
cates USB 2.0 and blue indicates USB 3.0.
There is one slide switch provided on this daughter card. The Flex_CMD Select switch
(SW11) allows the user to manually set the USB5734 into Flex mode. The default setup
is to slide the Flex_CMD Select switch into the 0 or Low position which will turn the
“FLEXCMD” and “Flexed” LEDs OFF. When the Flex_CMD Select switch is in the 1
or High position, the “FLEXCMD” and “Flexed” LEDs will turn on orange to indicate
that the USB5734 is in Flex mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com