Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB-USB5734 Datasheet(PDF) 18 Page - Microchip Technology

Part # EVB-USB5734
Description  EVB-USB5734 Evaluation Board User?셲 Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EVB-USB5734 Datasheet(HTML) 18 Page - Microchip Technology

Back Button EVB-USB5734 Datasheet HTML 14Page - Microchip Technology EVB-USB5734 Datasheet HTML 15Page - Microchip Technology EVB-USB5734 Datasheet HTML 16Page - Microchip Technology EVB-USB5734 Datasheet HTML 17Page - Microchip Technology EVB-USB5734 Datasheet HTML 18Page - Microchip Technology EVB-USB5734 Datasheet HTML 19Page - Microchip Technology EVB-USB5734 Datasheet HTML 20Page - Microchip Technology EVB-USB5734 Datasheet HTML 21Page - Microchip Technology EVB-USB5734 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
EVB-USB5734 Evaluation Board User’s Guide
DS50002350B-page 18
 2015 Microchip Technology Inc.
FIGURE 2-7:
STRAPPING OPTIONS
2.4.6
Port Power Options: Port Enable and Port Disable Select
Any downstream facing port on the EVB-USB5734 can be disabled if desired. When
both DP & DM signals are pulled high to +3.3V, the USB5734 automatically disables
the port, reports the corrected number of available ports to the host, and drives the
PRT_CTRL line for the disabled port(s) low. By default, all four downstream facing ports
are enabled.
To enable a port, use its Port Enable switch (SW1 - SW4) to select the EN. position.
The associated “Enable” LED will light green.
To disable a port, slide its Port Enable switch (SW1 - SW4) to the Dis. position. The
“Enable” LED will turn off.
The table below describes the port enable/disable strap options available for all four
downstream ports on the USB5734.
TABLE 2-2:
STRAPPING OPTIONS FOR BATTERY CHARGING
SW5 Position
Configuration
1
No Ports BC Enabled
2
Port 1 is BC Enabled
3
Port 1 & 2 are BC Enabled
4
Port 1, 2 & 3 are BC Enabled
5
Port 1, 2, 3 & 4 are BC Enabled [default]
6
Reserved
TABLE 2-3:
STRAPPING OPTIONS FOR PORT REMOVABLE
SW6 Position
Configuration
1
All ports are Removable [default]
2
Port 1 is Non-Removable
3
Port 1 & 2 are Non-Removable
4
Port 1, 2 & 3 are Non-Removable
5
Port 1, 2, 3 & 4 are Non-Removable
6
Reserved
TABLE 2-4:
PORT ENABLE/DISABLE STRAP OPTIONS
Downstream
Port
Associated
Switch
Switch Position
LED
1
SW1
1-2, 4-5 = Port Enabled (Default)
2-3, 5-6 = Port Disabled
D7 Green
D7 OFF
2
SW2
1-2, 4-5 = Port Enabled (Default)
2-3, 5-6 = Port Disabled
D8 Green
D8 OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com