Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB-USB5744 Datasheet(PDF) 22 Page - Microchip Technology

Part # EVB-USB5744
Description  EVB-USB5744 Evaluation Board User?셲 Guide
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EVB-USB5744 Datasheet(HTML) 22 Page - Microchip Technology

Back Button EVB-USB5744 Datasheet HTML 18Page - Microchip Technology EVB-USB5744 Datasheet HTML 19Page - Microchip Technology EVB-USB5744 Datasheet HTML 20Page - Microchip Technology EVB-USB5744 Datasheet HTML 21Page - Microchip Technology EVB-USB5744 Datasheet HTML 22Page - Microchip Technology EVB-USB5744 Datasheet HTML 23Page - Microchip Technology EVB-USB5744 Datasheet HTML 24Page - Microchip Technology EVB-USB5744 Datasheet HTML 25Page - Microchip Technology EVB-USB5744 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
TABLE C-1:
EVB-USB5744 EVALUATION BOARD BILL OF MATERIALS
Item
Qty
Reference Designator(s)
Description
Manufacturer
Manufacturer Part Number
1
41
C1,C2,C3,C4,C5,C6,C7,C8,C9,C10,C11,C12,
C18,C19,C20,C23,C27,C30,C31,C34,C37,
C38,C40,C41,C42,C43,C44,C47,C50,C51,C5
4,C55,C56,C57,C58,C59,C60,C61,C66,C67,C
68
Capacitor, 0.1uF, 10%, 25V, X5R, 0402
Murata
GRM155R61E104KA87D
2
5
C13,C14,C15,C16,C17
Capacitor, Low ESR, 150uF, 6.3VDC, 20%, Aluminum,
Radial-SMT, 5mm x 5.7mm
Lelon
VZS151M0JTR-0506
4
8
C24,C25,C26,C48,C49,C52,C62,C64
Capacitor, 1000pF, 50V, 10%, X7R, 0402
Murata
GRM155R71H102KA01D
5
2
C28,C39
Capacitor, 10uF, 6.3VDC, 20%, X5R, 0603
Murata
GRM188R60J106ME47D
6
2
C29,C33
Capacitor, 16pF, 50V, 2%, NPO, 0402
Murata
GRM1555C1H160GA01D
8
1
C35
Capacitor, 1.0uF, 16VDC, 10%, X5R, 0603
Murata
GRM188R61C105KA93D
9
2
C36,C45
Capacitor, 4.7uF, 6.3VDC, 20%, X5R, 0603
Murata
GRM188R60J475KE19D
10
2
C46,C63
Capacitor, 10uF, 25 VDC, 10%, 0805
Murata
GRM21BR61E106KA73L
11
1
C53
Capacitor, 2.2uF, 6.3VDC, 10%, X5R, 0603
Murata
GRM185R60J225KE26D
12
1
C65
Capacitor, 0.01uF, 25V, 10%, X7R, 0402
Panasonic
ECJ-0EB1C103K
13
4
D1,D2,D3,D4
LED, Green, 3mm, Diffused, 0.2" CL-vert, TH, Right Angle Lumex
SSF-LXH103GD
14
6
D5,D7,D8,D9,D10,D13
LED, Bright Green, 0603
Liteon
LTST-C191KGKT
16
2
D11,D14
LED, Blue, 0603
Stanley Electric
DB1111C-TR
17
1
D12
LED, Red, 0603
Stanley Electric
BR1111C-TR
18
2
D30,D31
Diode, MMBD914LT, Fast Switching, 100VDC, 200mA,
SOT-23
On Semiconductors
MMBD914LT1
20
2
FB3,FB4
Ferrite Bead, 220 Ohm, 2A, 0.05DCR, 0603
Murata
BLM18EG221SN1D
21
9
R1,R2,R3,R4,R5,R6,R7,R8,R66
Resistor, 330, 5%, 1/16W, 0603
Panasonic
ERJ-3GEYJ331V
22
8
R9,R10,R14,R24,R25,R26,R27,R55
Resistor, ZERO, 0.1W, 0603
Panasonic
ERJ-3GEY0R00V
24
1
R11
Resistor, 12.0K, 1%, 1/16W, 0603
Panasonic
ERJ-3EKF1202V
25
9
R12,R28,R29,R30,R31,R32,R57,R63,R67
Resistor, 1K, 5%, 1/16W, 0603
Panasonic
ERJ-3GEYJ102V
26
1
R13
Resistor, 47K, 5%, 1/16W, 0603
Yageo America
9C06031A4702JLHFT
27
1
R15
Resistor, 21.0K, 1%, 1/10W, 0603
Panasonic
ERJ-3EKF2102V
28
1
R16
Resistor, 150K, 1%, 1/16W, 0603
Panasonic
ERJ-3EKF1503V
29
4
R20,R21,R22,R23
Resistor, 10.0K, 1%, 1/16W, 0603
Rohm
MCR03EZHF1002
30
1
R33
Resistor, 1.91K, 1%, 1/10W, 0603
Stackpole Electronics
RMCF0603FT1K91
32
4
R35,R36,R41,R43
Resistor, 200K, 5%, 1/10W, 0603
Vishay/Dale
CRCW0603200KJNEB
33
8
R37,R38,R42,R44,R45,R58,R61,R64
Resistor, 10K, 5%, 1/16W, 0603
Panasonic
ERJ-3GEYJ103V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com