Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB-USB5744 Datasheet(PDF) 12 Page - Microchip Technology

Part # EVB-USB5744
Description  EVB-USB5744 Evaluation Board User?셲 Guide
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EVB-USB5744 Datasheet(HTML) 12 Page - Microchip Technology

Back Button EVB-USB5744 Datasheet HTML 8Page - Microchip Technology EVB-USB5744 Datasheet HTML 9Page - Microchip Technology EVB-USB5744 Datasheet HTML 10Page - Microchip Technology EVB-USB5744 Datasheet HTML 11Page - Microchip Technology EVB-USB5744 Datasheet HTML 12Page - Microchip Technology EVB-USB5744 Datasheet HTML 13Page - Microchip Technology EVB-USB5744 Datasheet HTML 14Page - Microchip Technology EVB-USB5744 Datasheet HTML 15Page - Microchip Technology EVB-USB5744 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
EVB-USB5744
EVALUATION BOARD
USER’S GUIDE
 2014 Microchip Technology Inc.
DS50002306A-page 12
Chapter 2. Getting Started
The Microchip EVB-USB5744 is designed for flexible configuration solutions. It can be
configured via default internal register settings, downloadable external firmware to an
onboard SPI Flash, through SMBus, or through the onboard configuration switches.
When configured with the default internal register settings, the device operates as a
USB 3.0/2.0 hub with four battery charge enabled USB ports and Microchip’s standard
VID/PID/DID settings.
2.1
CONFIGURATION
2.1.1
External SPI Flash
Upon power-up, the USB5744 first looks for an external SPI Flash device and a valid
signature in the flash. If one is found, the external ROM is enabled and code execution
is initiated from the external SPI device.
To select the SPI device, set the Config. Select switch to "SPI", position 1-2. The blue
LED will light. Note that the CFG_BC and CFG_Non-Rem options are now de-selected.
All configuration in SPI mode is done by the SPI.
FIGURE 2-1:
SPI SELECT
The 10 k
pull-up resistors (R42 and R58) on the SPI device’s Write Protect (WPn) and Hold
(HOLDn) pins must also be populated in order to use external flash. The 10 k
pull-up resistor
(R61) on the SPI_CE_N pin of the USB5744 must also be populated in order to select 60MHz
SPI operation, as opposed to 30MHz operation. Additionally there must be a jumper placed on
Note: If the SPI Flash is not properly programmed or has an invalid signature, the
USB5744 will default to internal defaults even if the SPI Flash is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com