Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVC1310 Datasheet(PDF) 18 Page - Texas Instruments

Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CDCLVC1310_14 Datasheet HTML 14Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 15Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 16Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 17Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 18Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 19Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 20Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 21Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
V
I,DIFF
V
ICM = VIH
V
CM
VDD
X_INN
X_INP
GND
CDCLVC1310
SCAS917E – JULY 2011 – REVISED JANUARY 2014
www.ti.com
Differential Input Level
NOTE: The calculation for VCM is: VCM = VDD – VICM – VI,DIFF/2
Figure 19. Differential Input Level
Power Considerations
The following power consideration refers to the device-consumed power consumption only. The device power
consumption is the sum of static power and dynamic power. The dynamic power usage consists of two
components:
•
Power used by the device as it switches states
•
Power required to charge any output load
The output load can be capacitive-only or capacitive and resistive. Use the following formula to calculate the
power consumption of the device:
PDev = Pstat + Pdyn + PCload (see Figure 20 and Figure 21)
Pstat = IDD × VDD
Pdyn + PCload = (IDD,dyn + IDD,Cload) × VDDO
where:
IDD,dyn = CPD × VDDO × f × n [mA] (see Figure 22)
IDD,Cload = Cload × VDDO × f × n [mA]
Example for power consumption of the CDCLVC1310: 10 outputs are switching, f = 100 MHz, VDD = VDDO = 3.3
V and assuming Cload = 2 pF per output:
PDev = 46.2 mW + 117.5 mW = 163.7 mW
Pstat = 14 mA × 3.3 V = 46.2 mW
Pdyn + PCload = (29 mA + 6.6 mA) x 3.3 V = 117.5 mW
IDD,dyn = 8.8 pF × 3.3 V × 100 MHz × 10 = 29 mA
IDD,Cload = 2 pF × 3.3 V x 100 MHz × 10 = 6.6 mA
NOTE
For dimensioning the power supply, consider the total power consumption. The total
power consumption is the sum of device power consumption and the power consumption
of the load.
18
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com