Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVC1310 Datasheet(PDF) 14 Page - Texas Instruments

Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCLVC1310_14 Datasheet HTML 10Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 11Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 12Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 13Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 14Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 15Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 16Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 17Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
VDD
R
INT
Clock Generator:
VDD
XIN
XOUT
R
s
R
+ R
= 50
INT
s
W
R = 100
1
W
C = 0.1
F
m
Z
= 50
o
W
R = 100
2
W
Crystal
C
1
C
2
XIN
XOUT
R
OPTIONAL
CDCLVC1310
SCAS917E – JULY 2011 – REVISED JANUARY 2014
www.ti.com
Figure 12. Crystal Reference Input
The input XIN can accept single-ended LVCMOS signals in two configurations. It is possible to overdrive the
oscillator stage or to use a pure LVCMOS input (see Table 1). If overdriving the oscillator stage, it is necessary
to ac-couple the input with a capacitor (see Figure 13). Otherwise, if selecting the bypass, there is no
requirement for a coupling capacitor. Additional measurements and information about crystal oscillator input and
limiting the drive level are available in the applications report Crystal Oscillator Performance of the CDCLVC1310
(SCAA119).
NOTE
If using the overdrive or bypass mode, the device is functional, but may not meet its ac
parameters.
Figure 13. Single-Ended Crystal Input
Phase-Noise Performance
The CDCLVC1310 provides ultralow phase-noise outputs (noise floor = –170 dBc/Hz) if it has an attached
crystal. Figure 14 shows the phase-noise plot of the CDCLVC1310 with a 25-MHz crystal at VDD = VDDO = 3.3 V
and room temperature.
14
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com