Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC32MZ Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 7Page - Microchip Technology PIC32MZ Datasheet HTML 8Page - Microchip Technology PIC32MZ Datasheet HTML 9Page - Microchip Technology PIC32MZ Datasheet HTML 10Page - Microchip Technology PIC32MZ Datasheet HTML 11Page - Microchip Technology PIC32MZ Datasheet HTML 12Page - Microchip Technology PIC32MZ Datasheet HTML 13Page - Microchip Technology PIC32MZ Datasheet HTML 14Page - Microchip Technology PIC32MZ Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PIC32MZ EF FAMILY STARTER KIT
USER’S GUIDE
 2015 Microchip Technology Inc.
DS70005230A-page 11
Chapter 1. Introduction
Thank you for purchasing a Microchip Technology PIC32MZ Embedded Connectivity
with Floating Point Unit (EF) Family Starter Kit. This starter kit provides a low-cost,
modular development system for Microchip’s line of 32-bit microcontrollers.
There are two versions of the starter kit available:
• PIC32MZ EF Starter Kit (P/N: DM320007)
• PIC32MZ EF Starter Kit w/Crypto Engine (P/N: DM320007-C)
Both versions of the starter kit come preloaded with demonstration software that can
be used to explore the new features of the PIC32MZ EF family of devices. It is also
expandable through a modular expansion interface, which allows the user to extend its
functionality. The starter kit also supplies on-board circuitry for full debug and
programming capabilities.
This chapter covers the following topics:
• Kit Contents
• Starter Kit Functionality and Features
The preprogrammed example code on the PIC32MZ EF family MCU is available for
download from the Microchip web site at http://www.microchip.com. All project files
have been included so that the code may be used directly to restore the PIC32MZ EF
family MCU on the starter kit to its original state (i.e., if the sample device has been
reprogrammed with another program) or so you can use the tutorial code as a platform
for further experimentation.
1.1
KIT CONTENTS
The PIC32MZ EF Family Starter Kit contains the following items:
• One development board
• One LAN8740A Ethernet PHY Daughter Board
• Two USB mini-B to full-sized A cables (one cable for debug purposes and to power
the development board and one cable for USB-to-UART communication)
• One USB micro-B to full-sized A cable (to communicate with the PIC32 USB port)
• One RJ-45 CAT5 Ethernet cable (to communicate with the PIC32 Ethernet port)
Note:
If you are missing any part of a kit, contact a Microchip sales office for
assistance. A list of Microchip offices for sales and service is provided on
the last page of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com