Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC32MZ Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 15Page - Microchip Technology PIC32MZ Datasheet HTML 16Page - Microchip Technology PIC32MZ Datasheet HTML 17Page - Microchip Technology PIC32MZ Datasheet HTML 18Page - Microchip Technology PIC32MZ Datasheet HTML 19Page - Microchip Technology PIC32MZ Datasheet HTML 20Page - Microchip Technology PIC32MZ Datasheet HTML 21Page - Microchip Technology PIC32MZ Datasheet HTML 22Page - Microchip Technology PIC32MZ Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
PIC32MZ EF FAMILY STARTER KIT
USER’S GUIDE
 2015 Microchip Technology Inc.
DS70005230A-page 19
Appendix A. Schematics
A.1
BLOCK DIAGRAM
FIGURE A-1:
HIGH-LEVEL BLOCK DIAGRAM OF THE PIC32MZ EF FAMILY STARTER KIT
PIC32MZ2048EFH144
(PIC24FJ256GB106)
ICSP™
VUSB3V3(1) or
+5V_EXT
Debug USB
Switches
LEDs
+5V EXT
USB OTG
USB Host
Device/OTG
(Type micro-A/B)
Host
(Type A)
Note
1:
From Debugger USB Port.
+3.3V
Power
Supply
Ethernet
PHY
10/100 Jack
Debugger Circuit
Power Circuit
Daughter
Board
or
PIC32MZ2048EFM144
(with Crypto Engine)
(MCP2221-I/MQ)
USB COM
USB-to-UART/I2C
Circuit
(without Crypto Engine)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com