Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1105 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # TS1105
Description  Power Management Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1105 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button TS1105 Datasheet HTML 4Page - Silicon Laboratories TS1105 Datasheet HTML 5Page - Silicon Laboratories TS1105 Datasheet HTML 6Page - Silicon Laboratories TS1105 Datasheet HTML 7Page - Silicon Laboratories TS1105 Datasheet HTML 8Page - Silicon Laboratories TS1105 Datasheet HTML 9Page - Silicon Laboratories TS1105 Datasheet HTML 10Page - Silicon Laboratories TS1105 Datasheet HTML 11Page - Silicon Laboratories TS1105 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
3. Electrical Characteristics
Table 3.1. Recommended Operating Conditions1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
System Specifications
Operating Voltage Range
VDD
1.7
—
5.25
V
Common-Mode Input Range
VCM
VRS+, Guaranteed by CMRR
2
—
27
V
Note:
1. All devices 100% production tested at TA = +25 °C. Limits over Temperature are guaranteed by design and characterization.
Table 3.2. DC Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
System Specifications
No Load Input Supply
Current
IRS+ + IRS–
See Note
2
—
0.68
—
µA
VRS+ = 25 V
—
—
1.2
µA
IVDD
See Note 2
—
0.76
1.3
µA
Current Sense Amplifier
Common Mode Re-
jection Ratio
CMRR
2 V < VRS+ < 27 V
120
130
—
dB
Input Offset Voltage3
VOS
TA = +25 °C
—
±30
±100
µV
–40 °C < TA < +85 °C
—
—
±200
µV
VOS Hysteresis4
VHYS
TA = +25 °C
—
10
—
µV
Gain
G
TS1105-20, TS1106-20
—
20
—
V/V
TS1105-200, TS1106-200
—
200
—
V/V
Gain Error5
GE
TA = +25 °C
—
±0.1
±0.6
%
–40 °C < TA < +85 °C
—
—
±1
%
Gain Match 5
GM
TA = +25 °C
—
±0.2
±0.6
%
–40C < TA < +85 °C
—
—
±1
%
Transfer Resistance
ROUT
From FILT to OUT
28
40
52
kW
CSA Buffer
Input Bias Current
IBuffer_BIAS
–40C < TA < +85 °C
—
0.3
—
nA
Input referred DC Off-
set
VBuffer_OS
—
—
±2.5
mV
Offset Drift
TCVBuffer_OS
–40 °C < TA < +85 °C
—
0.6
—
µV/°C
Input Common Mode
Range
VCM_Buffer
–40 °C < TA < +85 °C
0.2
—
VDD – 0.2
V
Output Range
VOUT(MIN,
MAX)
IOUT = ±150 µA
0.2
—
VDD – 0.2
V
TS1105/06 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com