Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1105 Datasheet(PDF) 17 Page - Silicon Laboratories

Part # TS1105
Description  Power Management Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1105 Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button TS1105 Datasheet HTML 11Page - Silicon Laboratories TS1105 Datasheet HTML 12Page - Silicon Laboratories TS1105 Datasheet HTML 13Page - Silicon Laboratories TS1105 Datasheet HTML 14Page - Silicon Laboratories TS1105 Datasheet HTML 15Page - Silicon Laboratories TS1105 Datasheet HTML 16Page - Silicon Laboratories TS1105 Datasheet HTML 17Page - Silicon Laboratories TS1105 Datasheet HTML 18Page - Silicon Laboratories TS1105 Datasheet HTML 19Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
7. Top Marking
Figure 7.1. Top Marking
Table 7.1. Top Marking Explanation
Mark Method
Laser
Pin 1 Mark:
Circle = 0.50 mm Diameter (lower left corner)
Font Size:
0.50 mm (20 mils)
Line 1 Mark Format:
Product ID
Note: A = 20 gain, B = 200 gain
Line 2 Mark Format:
TTTT – Mfg Code
Manufacturing code
Line 3 Mark Format:
YY = Year; WW = Work Week
Year and week of assembly
TS1105/06 Data Sheet
Top Marking
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com