Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM1285BESA Datasheet(PDF) 13 Page - Silicon Laboratories

Part # TSM1285BESA
Description  A 300ksps, Single-supply, Low-Power 12-Bit Serial-output ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM1285BESA Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button TSM1285BESA Datasheet HTML 7Page - Silicon Laboratories TSM1285BESA Datasheet HTML 8Page - Silicon Laboratories TSM1285BESA Datasheet HTML 9Page - Silicon Laboratories TSM1285BESA Datasheet HTML 10Page - Silicon Laboratories TSM1285BESA Datasheet HTML 11Page - Silicon Laboratories TSM1285BESA Datasheet HTML 12Page - Silicon Laboratories TSM1285BESA Datasheet HTML 13Page - Silicon Laboratories TSM1285BESA Datasheet HTML 14Page - Silicon Laboratories TSM1285BESA Datasheet HTML 15Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TSM1285
TSM1285 Rev. 1.0
Page 13
Figure 12: SPI/MICROWIRE-TSM1285 Serial Interface Timing Details with [CPOL:CPHA] = [0:0].
Figure 13: QSPI-TSM1285 Serial Interface Timing Details with [CPOL:CPHA] = [0:1].
PCB Layout, Ground Plane Management, and
Capacitive Bypassing
For best performance, printed circuit boards should
always be used and wire-wrap boards are not
recommended. Good PC board layout techniques
ensure that digital and analog signal lines are kept
separate
from
each
other,
analog
and
digital
(especially clock) lines are not routed parallel to one
another, and high-speed digital lines are not routed
underneath the ADC package.
A
recommended
system
ground
connection
is
illustrated in Figure 14. A single-point analog ground
(star ground point) should be created at the ADC’s
GND and separate from the logic ground. All analog
grounds as well as the ADC’s GND pin should be
connected to the star ground. No other digital system
ground should be connected to this ground. For
lowest-noise operation, the ground return to the star
ground’s power supply should be low impedance and
as short as possible.
High-frequency noise on the VDD power supply may
affect the ADC’s high-speed comparator. Therefore, it
is necessary to bypass the VDD supply pin to the star
ground with 0.1
μF and 1μF capacitors in parallel and
placed close to the ADC’s Pin 1. Component lead
lengths should be very short for optimal supply-noise
rejection. If the power supply is very noisy, an
optional 10-
Ω resistor can be used in conjunction with
the bypass capacitors to form a low-pass filter as
shown in Figure 14.
Figure 14: Recommended Power Supply
Bypassing and Star Ground
Configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com