Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1208 Datasheet(PDF) 49 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 49 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 45Page - Microchip Technology CAP1208 Datasheet HTML 46Page - Microchip Technology CAP1208 Datasheet HTML 47Page - Microchip Technology CAP1208 Datasheet HTML 48Page - Microchip Technology CAP1208 Datasheet HTML 49Page - Microchip Technology CAP1208 Datasheet HTML 50Page - Microchip Technology CAP1208 Datasheet HTML 51Page - Microchip Technology CAP1208 Datasheet HTML 52Page - Microchip Technology CAP1208 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 49
inputs universally (though individual sensor inputs can be configured to support recalibration - see
Section 5.11).
Note 5.1
Recalibration Samples refers to the number of samples that are measured and averaged
before the Base Count is updated however does not control the base count update period.
Note 5.2
Update Time refers to the amount of time (in sensing cycle periods) that elapses before
the Base Count is updated. The time will depend upon the number of channels enabled,
the averaging setting, and the programmed sensing cycle time.
5.19
Sensor Input Threshold Registers
Table 5.31 CAL_CFG Bit Decode
CAL_CFG[2:0]
RECALIBRATION
SAMPLES (SEE
Note 5.1)
UPDATE TIME (SEE
Note 5.2)
21
0
0
0
0
16
16
00
1
32
32
0
1
0
64
64 (default)
0
1
1
128
128
10
0
256
256
1
0
1
256
1024
1
1
0
256
2048
1
1
1
256
4096
Table 5.32 Sensor Input Threshold Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
30h
R/W
Sensor Input 1
Threshold
-64
32
16
8
4
2
1
40h
31h
R/W
Sensor Input 2
Threshold
-64
32
16
8
4
2
1
40h
32h
R/W
Sensor Input 3
Threshold
-64
32
16
8
4
2
1
40h
33h
R/W
Sensor Input 4
Threshold
-64
32
16
8
4
2
1
40h
34h
R/W
Sensor Input 5
Threshold
-64
32
16
8
4
2
1
40h
35h
R/W
Sensor Input 6
Threshold
-64
32
16
8
4
2
1
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com