Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1208 Datasheet(PDF) 8 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 8 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 4Page - Microchip Technology CAP1208 Datasheet HTML 5Page - Microchip Technology CAP1208 Datasheet HTML 6Page - Microchip Technology CAP1208 Datasheet HTML 7Page - Microchip Technology CAP1208 Datasheet HTML 8Page - Microchip Technology CAP1208 Datasheet HTML 9Page - Microchip Technology CAP1208 Datasheet HTML 10Page - Microchip Technology CAP1208 Datasheet HTML 11Page - Microchip Technology CAP1208 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 8
 2014 Microchip Technology Inc.
Chapter 1 Pin Description
Figure 1.1 CAP1208 Pin Diagram (16-Pin QFN)
Table 1.1 Pin Description for CAP1208
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
UNUSED
CONNECTION
1ALERT#
ALERT# - Active low alert / interrupt output for SMBus
alert
OD
Connect to
Ground
2SMDATA
SMDATA - Bi-directional, open-drain SMBus or I2C data
- requires pull-up resistor
DIOD
n/a
3SMCLK
SMCLK - SMBus or I2C clock input - requires pull-up
resistor
DI
n/a
4
VDD
Positive Power supply
Power
n/a
5
N/C
Not internally connected
n/a
Connect to
Ground
6
N/C
Not internally connected
n/a
Connect to
Ground
7
GND
Ground
Power
n/a
8
GND
Ground
Power
n/a
9
CS8
Capacitive Touch Sensor Input 8
AIO
Connect to
Ground
10
CS7
Capacitive Touch Sensor Input 7
AIO
Connect to
Ground
1
2
3
4
12
11
10
9
VDD
SMCLK
SMDATA
CS7
CS5
CS6
CS8
Exposed pad
ALERT#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com