Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1298 Datasheet(PDF) 52 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 52 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 48Page - Microchip Technology CAP1298 Datasheet HTML 49Page - Microchip Technology CAP1298 Datasheet HTML 50Page - Microchip Technology CAP1298 Datasheet HTML 51Page - Microchip Technology CAP1298 Datasheet HTML 52Page - Microchip Technology CAP1298 Datasheet HTML 53Page - Microchip Technology CAP1298 Datasheet HTML 54Page - Microchip Technology CAP1298 Datasheet HTML 55Page - Microchip Technology CAP1298 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
CAP1298
DS00001571B-page 52
 2013-2015 Microchip Technology Inc.
The Sensor Input Calibration registers hold the 10-bit value that represents the last calibration value. The value rep-
resents the capacitance applied to the internal sensing circuits to balance the capacitance of the sensor input pad. Min-
imum (000h) and maximum (3FFh) values indicate analog calibration failure (see Section 4.4, "Sensor Input
Calibration").
5.29
Calibration Sensitivity Configuration Registers
CALSENx[1:0] - Controls the gain used by the calibration routine to enable sensor inputs to be more sensitive for prox-
imity detection. Gain is based on capacitance touch pad capacitance ranges, as shown in Table 5-19. Since each sensor
input can have a different pad capacitance, each sensor input has a control.
5.30
Product ID Register
B9h
Sensor Input
Calibration
LSB 1
R
CAL4_1
CAL4_0
CAL3_1
CAL3_0
CAL2_1
CAL2_0
CAL1_1
CAL1_0
00h
BAh
Sensor Input
Calibration
LSB 2
R
CAL8_1
CAL8_0
CAL7_1
CAL7_0
CAL6_1
CAL6_0
CAL5_1
CAL5_0
00h
TABLE 5-18:
CALIBRATION SENSITIVITY CONFIGURATION REGISTERS
Addr
Register
R/W
B7B6
B5
B4B3B2B1B0
Default
80h
Calibration
Sensitivity
Config 1
R/W
CALSEN4[1:0]
CALSEN3[1:0]
CALSEN2[1:0]
CALSEN1[1:0]
00h
81h
Calibration
Sensitivity
Config 2
R/W
CALSEN8[1:0]
CALSEN7[1:0]
CALSEN6[1:0]
CALSEN5[1:0]
00h
TABLE 5-19:
CALSENX BIT DECODE
CALSENx[1:0]
Gain
Capacitive Touch Pad Capacitance
Range
10
0
0
1
5-50pF (default)
01
2
0-25pF
1
0
4
0-12.5pF
TABLE 5-20:
PRODUCT ID REGISTER
Addr
R/W
Register
B7B6B5B4B3B2B1
B0
Default
FDh
R
Product ID
CAP1298
01110001
71h
TABLE 5-17:
SENSOR INPUT CALIBRATION REGISTERS (CONTINUED)
Addr
Register
R/W
B7
B6
B5
B4
B3
B2
B1
B0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com