Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5534B Datasheet(PDF) 27 Page - Microchip Technology

Part # USB5534B
Description  4-Port SS/HS USB Hub Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5534B Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB5534B Datasheet HTML 23Page - Microchip Technology USB5534B Datasheet HTML 24Page - Microchip Technology USB5534B Datasheet HTML 25Page - Microchip Technology USB5534B Datasheet HTML 26Page - Microchip Technology USB5534B Datasheet HTML 27Page - Microchip Technology USB5534B Datasheet HTML 28Page - Microchip Technology USB5534B Datasheet HTML 29Page - Microchip Technology USB5534B Datasheet HTML 30Page - Microchip Technology USB5534B Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001681C-page 27
USB5534B
5.2.10
USB HUB MAX CURRENT
This field is the maximum current of the hub and system components to support the hub on VBUS.
5.2.11
USB LANGUAGE ID
This field selects the USB language ID.
5.2.12
USB MANUFACTURER STRING
This field contains the manufacturer string reported by both USB 2.0 and USB 3.0 hubs (maximum of 30 characters).
5.2.13
USB 2.0 PRODUCT STRING
This field contains the product string reported by the USB 2.0 hub (maximum of 30 characters).
5.2.14
USB 3.0 PRODUCT STRING
This field contains the product string reported by the USB 3.0 hub (maximum of 30 characters).
5.2.15
USB SERIAL STRING
This field contains the serial string reported by the USB 2.0 and USB 3.0 hubs (maximum of 30 characters).
5.2.16
PIN STRAP DISABLES
This setting disables the external pin configuration straps on power-up that select the following on ports 1-4:
• Port Disable
• Port Non-Removable
• Battery Charging Enable
If the user needs to select the above settings in a configuration file for ports 1-4, they must also disable the pin straps
to ensure the settings are not overridden by the strap controls.
5.2.17
PORT POWER/OCS CONTROL
5.2.17.1
Per-Port PWR/OCS Combined Mode
This per-port setting controls whether the Power Enable and OCS signals are on the same pin. This setting is only valid
for ports 1-4.
Refer to Section 4.4, "Standard Port Power Configuration," on page 20 for additional port power setting details and con-
nection diagrams.
5.2.17.2
OCS Gang Control
This setting can gang multiple ports into an OCS ganging to report overcurrent on any port in this gang.
ALL GANGED
This single setting configures all ports into an OCS gang.
SPLIT GANGED
This setting allows the user to gang select ports together while not ganging others.
Requires the setting of the following:
• USB 2.0 hub OCS gang set
• USB 3.0 hub OCS gang set
• Ports contained within the OCS gang (any other ports will operate as a per-port power control/ocs)
• GPIO used as OCS Gang input
5.2.17.3
USB Port Power Gang Control
This setting can gang all ports into single Port Power control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com