Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5534B Datasheet(PDF) 11 Page - Microchip Technology

Part # USB5534B
Description  4-Port SS/HS USB Hub Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5534B Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB5534B Datasheet HTML 7Page - Microchip Technology USB5534B Datasheet HTML 8Page - Microchip Technology USB5534B Datasheet HTML 9Page - Microchip Technology USB5534B Datasheet HTML 10Page - Microchip Technology USB5534B Datasheet HTML 11Page - Microchip Technology USB5534B Datasheet HTML 12Page - Microchip Technology USB5534B Datasheet HTML 13Page - Microchip Technology USB5534B Datasheet HTML 14Page - Microchip Technology USB5534B Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001681C-page 11
USB5534B
Note 3-1
The PRT_PWR[4:1] pins can optionally provide additional configuration strap functions to
enable/disable the associated port and configure its battery charging capabilities. Configuration strap
values are latched on device reset. Table 3-2 details the functions associated with the various strap
settings.
Strapping features are enabled by default and can be optionally disabled via the Pro-Touch software
programming tool. For additional information on the Pro-Touch programming tool, contact your local
sales representative.
Strapping functions are not supported for designs that support OCS but not power switching.
Note 3-2
The SPI_DO pin provides an additional SPI_SPD_SEL configuration strap function. SPI_SPD_SEL
selects between the 30MHz SPI Mode when pulled-down to ground (default) and the 60MHz SPI
Mode when pulled-up to VDD33. The SPI_SPD_SEL strap value is latched on Power-On Reset
(POR) or RESET_N deassertion.
Note 3-3
The OCS[4:1] pins can optionally provide additional configuration strap functions. To set the
associated port into the non-removable state, the OCS pin must be configured with a pull-down
(<10 k
to VSS). Otherwise, the port will be configured in the removable state. Configuration strap
values are latched on device reset.
Strapping features are enabled by default and can be optionally disabled via the Pro-Touch software
programming tool. For additional information on the Pro-Touch programming tool, contact your local
sales representative.
Strapping functions are not supported for designs that support OCS but not power switching.
TEST
IPD
Test Pin
Treat as a no connect pin or connect to ground. No trace or signal
should be routed or attached to this pin.
RBIAS
I-R
USB Transceiver Bias
A12.0 k
(+/- 1%) resistor is attached from ground to this pin to set the
transceiver’s internal bias settings.
ATEST
A
Analog Test Pin
This signal is used for testing the chip and must always be connected
to ground.
SM_CLK
I/O12
SMBus Clock
SM_DAT
I/O12
SMBus Data Pin
DIGITAL AND POWER
(4) VDD33
3.3 V Power
(8) VDD12
1.25 V Power
VSS
Ground Pad
This exposed pad is the device’s only connection to VSS and the
primary thermal conduction path. Connect to an appropriate via field.
TABLE 3-2:
PRT_PWR[4:1] CONFIGURATION STRAP STATES
PRT_PWR[4:1]
Strap Setting
Port State
Battery Charging
No Pull-Up or Pull-Down
Enabled
Disabled
Pull-Down:
<10 k
to VSS
Disabled
N/A
Pull-Up:
<10 k
and >1 kto VDD33
Enabled
Enabled
TABLE 3-1:
USB5534B PIN DESCRIPTIONS (CONTINUED)
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com