Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8319 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8319
Description  Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8319 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8319_15 Datasheet HTML 1Page - Texas Instruments ADS8319_15 Datasheet HTML 2Page - Texas Instruments ADS8319_15 Datasheet HTML 3Page - Texas Instruments ADS8319_15 Datasheet HTML 4Page - Texas Instruments ADS8319_15 Datasheet HTML 5Page - Texas Instruments ADS8319_15 Datasheet HTML 6Page - Texas Instruments ADS8319_15 Datasheet HTML 7Page - Texas Instruments ADS8319_15 Datasheet HTML 8Page - Texas Instruments ADS8319_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADS8319
SLAS600B – MAY 2008 – REVISED DECEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range, unless otherwise noted.
(1)
MIN
MAX
UNIT
–0.3
+VA + 0.3
V
+IN
±130
mA
–0.3
0.3
V
–IN
±130
mA
+VA to AGND
–0.3
7
V
+VBD to BDGND
–0.3
7
V
Digital input voltage to GND
–0.3
+VBD + 0.3
V
Digital output to GND
–0.3
+VBD + 0.3
V
TA
Operating free-air temperature range
–40
+85
°C
Junction temperature (TJ max)
+150
°C
Power dissipation
(TJ max – TA) / θJA
°C
MSOP package
θJA thermal impedance
+180
°C/W
Maximum MSOP reflow temperature(2)
+260
°C
Power dissipation
(TJ max – TA) / θJA
°C
SON package
θJA thermal impedance
+70
°C/W
Maximum SON reflow temperature(2)
+260
°C
Tstg
Storage temperature
–65
+150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The device is rated to MSL2 260°C, as per the JSTD-020 specification.
7.2 Electrical Characteristics
TA = –40°C to 85°C, +VA = 5 V, +VBD = 5 V to 2.375 V, Vref = 4 V, and fSAMPLE = 500 kHz, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input span(1)
+IN – (–IN)
0
Vref
V
+IN
–0.1
Vref + 0.1
Operating input range
V
–IN
–0.1
0.1
Input capacitance
59
pF
Input leakage current
During acquisition
1000
pA
SYSTEM PERFORMANCE
Resolution
16
Bits
No missing codes
16
Bits
ADS8319I
–2.5
±1.2
2.5
INL
Integral linearity(2)
LSB(3)
ADS8319IB
–1.5
±1
1.5
ADS8319I
–1
±0.65
1.5
DNL
Differential linearity
At 16-bit level
LSB
ADS8319IB
–1
±0.5
1
EO
Offset error(4)
–1.5
±0.3
1.5
mV
EG
Gain error
–0.03
±0.0045
0.03
%FSR
With common-mode input signal = 200 mVPP at
CMRR
Common-mode rejection ratio
78
dB
500 kHz
PSRR
Power-supply rejection ratio
At FFF0h output code
80
dB
Transition noise
0.5
LSB
(1)
Ideal input span, does not include gain or offset error.
(2)
This parameter is endpoint INL, not best fit.
(3)
LSB means least significant bit.
(4)
Measured relative to actual measured reference.
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ADS8319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com