Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8319 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS8319
Description  Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8319 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8319_15 Datasheet HTML 2Page - Texas Instruments ADS8319_15 Datasheet HTML 3Page - Texas Instruments ADS8319_15 Datasheet HTML 4Page - Texas Instruments ADS8319_15 Datasheet HTML 5Page - Texas Instruments ADS8319_15 Datasheet HTML 6Page - Texas Instruments ADS8319_15 Datasheet HTML 7Page - Texas Instruments ADS8319_15 Datasheet HTML 8Page - Texas Instruments ADS8319_15 Datasheet HTML 9Page - Texas Instruments ADS8319_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADS8319
SLAS600B – MAY 2008 – REVISED DECEMBER 2015
www.ti.com
7.3 Timing Requirements
All specifications are typical at –40°C to 85°C, +VA = 5 V, and +VBD
≥ 4.5 V, unless otherwise noted.
REF FIGURE
MIN
TYP
MAX
UNIT
SAMPLING AND CONVERSION RELATED
tacq
Acquisition time
600
ns
Figure 50, Figure 52, Figure 53,
tcnv
Conversion time
1400
ns
Figure 55
tcyc
Time between conversions
2000
ns
t1
Pulse duration, CONVST high
Figure 50, Figure 52
10
ns
t6
Pulse duration, CONVST low
Figure 53, Figure 55, Figure 58
20
ns
I/O RELATED
tclk
SCLK period
20
ns
tclkl
SCLK low time
9
ns
Figure 50, Figure 52, Figure 53,
tclkh
SCLK high time
9
ns
Figure 55, Figure 58, Figure 60
t2
SCLK falling edge to data remains valid
5
ns
t3
SCLK falling edge to next data valid delay
16
ns
ten
Enable time, CONVST or SDI low to MSB valid
Figure 50, Figure 53
15
ns
Disable time, CONVST or SDI high or last SCLK falling edge
Figure 50, Figure 52, Figure 53,
tdis
12
ns
to SDO 3-state (CS mode)
Figure 55
t4
Setup time, SDI valid to CONVST rising edge
5
ns
Figure 53, Figure 55
t5
Hold time, SDI valid from CONVST rising edge
5
ns
t7
Setup time, SCLK valid to CONVST rising edge
5
ns
Figure 58
t8
Hold time, SCLK valid from CONVST rising edge
5
ns
7.4 Timing Requirements
All specifications are typical at –40°C to 85°C, +VA = 5 V, and +4.5 V > +VBD
≥ 2.375 V, unless otherwise noted.
REF FIGURE
MIN
TYP
MAX
UNIT
SAMPLING AND CONVERSION RELATED
tacq
Acquisition time
600
ns
Figure 50, Figure 52, Figure 53,
tcnv
Conversion time
1400
ns
Figure 55
tcyc
Time between conversions
2000
ns
t1
Pulse width CONVST high
Figure 50, Figure 52
10
ns
t6
Pulse width CONVST low
Figure 53, Figure 55, Figure 58
20
ns
I/O RELATED
tclk
SCLK period
30
ns
tclkl
SCLK low time
13
ns
Figure 50, Figure 52, Figure 53,
tclkh
SCLK high time
13
ns
Figure 55, Figure 58, Figure 60
t2
SCLK falling edge to data remains valid
5
ns
t3
SCLK falling edge to next data valid delay
24
ns
ten
CONVST or SDI low to MSB valid
Figure 50, Figure 53
22
ns
CONVST or SDI high or last SCLK falling edge to SDO 3-
Figure 50, Figure 52, Figure 53,
tdis
15
ns
state (CS mode)
Figure 55
t4
SDI valid setup time to CONVST rising edge
5
ns
Figure 53, Figure 55
t5
SDI valid hold time from CONVST rising edge
5
ns
t7
SCLK valid setup time to CONVST rising edge
5
ns
Figure 58
t8
SCLK valid hold time from CONVST rising edge
5
ns
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ADS8319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com