Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS-SERIES Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # DS-SERIES
Description  Watch Crystal 32.768 kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

DS-SERIES Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  DS-SERIES Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND DS-SERIES Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 5.0/06.2010
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
TERMINATIONS AND
PROCESSING:
Type
Termination
Processing
DS26-T1N
Can:
Ni plated
Leads: Straight leads
Au flashed
Thru-hole mounting
Wave or hand soldering
Max. 280°C / 5 sec. leads only
DS15-T1N
Can:
Ni plated
Leads: Straight leads
Au flashed
Thru-hole mounting
Wave or hand soldering
Max. 280°C / 5 sec. leads only
DS10-T1N
Can:
Ni plated
Leads: Straight leads
Au flashed
Thru-hole mounting
Wave or hand soldering
Max. 280°C / 5 sec. leads only
PRODUCT DESCRIPTION AND
ORDERING INFORMATION:
A unique part number will be generated for each product specification, i.e:
20xxxx-BA01
1'000 pcs
(in plastic-bag)
Please contact us.
All specifications subject to change without notice.
ENVIRONMENTAL
CHARACTERISTICS:
Conditions
Max. Dev.
Storage temperature range
–20 to +70°C
Operating temperature range
–10 to +60°C
Shock resistance
ΔF/F 5000 g, 0.3 ms, ½ sine +/-5 ppm
Vibration resistance
ΔF/F
20 g / 10–2000 Hz
+/-5 ppm
DS15 –T1N 32.768kHz 8.2.pF +/-30ppm
CL Load Capacitance
Frequency tolerance
Frequency FL
8.2 pF
9.0 pF
12.5 pF
+/- 20 ppm
+/- 30 ppm
DS26 –T1N
DS10 –T1N
+/- 100 ppm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com