Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS-SERIES Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # DS-SERIES
Description  Watch Crystal 32.768 kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

DS-SERIES Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  DS-SERIES Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND DS-SERIES Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
DS – Series
Watch Crystal 32.768 kHz
ø1,0
ø 0,18
0,30
ø0,21
2,6
5,9
0,5
ø1,5
3,0
ø 2,0
5,9
0,7
ø 0,22
DS10
DS15
DS26
All dimensions in mm typical
DESCRIPTION:
The DS-crystal-series are tubular metal-can packages in the standardized
watch-crystal sizes DS26 =
∅ 2 x 6.0 mm, DS15 = ∅ 1.5 x 5.0 mm and
DS10 =
∅ 1 x 4.3 mm for thru-hole applications.
Within the package is a high-quality tuning fork quartz crystal resonator,
manufactured with precision high-volume photolithographic process and
operating in the fundamental mode at 32.768 kHz.
Due to highly automated, large-volume production, the DS-crystal-series
is very price competitive and ideal for any consumer application.
DS Products are supplied in plastic-bags (1'000 pcs.)
Very small metal-can packages
High stability
Low aging
Low power consumption
High shock and vibration resistance
ELECTRICAL CHARACTERISTICS
AT 25oC:
1) Other load capacitances on request.
2) Tighter and wider frequency tolerances on request.
Package Size
DS26
DS15
DS10
Nominal frequency
FL
32.768
32.768
32.768
kHz
Load capacitance
1)
CL
8.2
8.2
8.2
pF
Frequency tolerance
2)
ΔF/F
+/-20
+/-20
+/-20
ppm
ΔF/F
+/-30
+/-30
+/-30
ppm
ΔF/F
+/-100
+/-100
+/-100
ppm
Series resistance typ./max.
RS
30 / 42
35 / 50
45 / 60
k
Ω
Motional capacitance typ.
C1
2.1
2.1
2.4
fF
Static capacitance typ.
C0
0.9
0.9
0.9
pF
Drive level max.
P
1.0
1.0
1.0
μW
Insulation resistance min.
Ri
500
500
500
M
Ω
Aging first year max.
ΔF/F
+/-3
+/-3
+/-3
ppm
Turnover temperature
T0
25 +/-5
25 +/-5
25 +/-5
°C
Frequency vs. temperature
ΔF/F0 –0.035 ppm/°C² (T - T0)2 +/-10% ppm
RoHS - compliant


Similar Part No. - DS-SERIES

ManufacturerPart #DatasheetDescription
logo
C&K Components
DS-SERIES CK-COMPONENTS-DS-SERIES Datasheet
142Kb / 3P
Interlock Pushbutton Switches
More results

Similar Description - DS-SERIES

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
32.768 KHz Crystal
224-000312-20 OSCILENT-224-000312-20 Datasheet
129Kb / 2P
32.768 KHz Crystal
logo
MMD Components
WC26SM MMD-WC26SM Datasheet
54Kb / 1P
32.768 KHz Clock Crystal
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
CRYSTAL OSCILLATOR 32.768 kHz
logo
Mercury United Electron...
SSG MERCURY-SSG Datasheet
134Kb / 1P
32.768 KHz Surface Mount Crystal
T38 MERCURY-T38 Datasheet
82Kb / 2P
32.768 KHz Tuning Fork Watch Crystals
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1A_0.3 MICROCRYSTAL-CM7V-T1A_0.3 Datasheet
115Kb / 2P
Tuning Fork Crystal 32.768 kHz
logo
PETERMANN-TECHNIK
M3215A PETERMANN-M3215A Datasheet
600Kb / 3P
SMD WATCH CRYSTAL 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1ALOWESR MICROCRYSTAL-CM7V-T1ALOWESR_16 Datasheet
257Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM8V-T1A MICROCRYSTAL-CM8V-T1A_18 Datasheet
811Kb / 2P
Tuning Fork Crystal 32.768 kHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com