| Electronic Components Datasheet Search |
|
LAN9730I Datasheet(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9730I Datasheet(HTML) 63 Page - Microchip Technology |
|
63 / 222 page ![]() 2012-2015 Microchip Technology Inc. DS00001946A-page 63 LAN9730/LAN9730i 4.5.2 VIRTUAL LOCAL AREA NETWORK (VLAN) SUPPORT Virtual Local Area Networks or VLANs, as defined within the IEEE 802.3 standard, provide network administrators one means of grouping nodes within a larger network into broadcast domains. To implement a VLAN, four extra bytes are added to the basic Ethernet packet. As shown in Figure 4-9, the four bytes are inserted after the Source Address Field and before the Type/Length field. The first two bytes of the VLAN tag identify the tag, and by convention are set to the value 0x8100. The last two bytes identify the specific VLAN associated with the packet; they also provide a priority field. The device supports VLAN-tagged packets. It provides two registers which are used to identify VLAN-tagged packets. One register should normally be set to the conventional VLAN ID of 0x8100. The other register provides a way of iden- tifying VLAN frames tagged with a proprietary (not 0x8100) identifier. If a packet arrives bearing either of these tags in the two bytes succeeding the Source Address field, the controller will recognize the packet as a VLAN-tagged packet. In this case, the controller increases the maximum allowed packet size from 1518 to 1522 bytes (normally the controller filters packets larger than 1518 bytes). This allows the packet to be received, and then processed by host software, or to be transmitted on the network. FIGURE 4-9: VLAN FRAME PREAMBLE (7 BYTES) SOF (1 BYTE) DEST. ADDR. (6 BYTES) SOURCE ADDR. (6 BYTES) TYPE (2 BYTES) DATA (46 - 1500 BYTES) FCS (4 BYTES) Ethernet frame (1518 BYTES) PREAMBLE (7 BYTES) SOF (1 BYTE) DEST. ADDR. (6 BYTES) SOURCE ADDR. (6 BYTES) TYPE (2 BYTES) DATA (46 - 1500 BYTES) FCS (4 BYTES) Ethernet frame with VLAN TAG (1522 BYTES) TPID (2 BYTES) TYPE (2 BYTES) TPID (2 BYTES) USER PRIORITY (3 BITS) CFI (1 BIT) VLAN ID (12 BITS) Tag Control Information (TCI) Tag Protocol D: \x81-00 Indicates frame's priority Canonical Address Format Indicator VID: 12 bits defining the VLAN to which the frame belongs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |