Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730I Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 9Page - Microchip Technology LAN9730I Datasheet HTML 10Page - Microchip Technology LAN9730I Datasheet HTML 11Page - Microchip Technology LAN9730I Datasheet HTML 12Page - Microchip Technology LAN9730I Datasheet HTML 13Page - Microchip Technology LAN9730I Datasheet HTML 14Page - Microchip Technology LAN9730I Datasheet HTML 15Page - Microchip Technology LAN9730I Datasheet HTML 16Page - Microchip Technology LAN9730I Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 13
LAN9730/LAN9730i
1
Transmit
Clock
(Internal PHY
Mode)
TXCLK
IS/O8
(PU)
In Internal PHY Mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 125 for additional information.
Transmit
Clock
(External
PHY Mode)
TXCLK
IS
(PU)
In External PHY Mode, this pin is the transmitter
clock input from the external PHY.
1
Carrier Sense
(Internal PHY
Mode)
CRS
IS/O8
(PU)
In Internal PHY Mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 125 for additional information.
Carrier Sense
(External
PHY Mode)
CRS
IS
(PD)
In External PHY Mode, the signal on this pin is
input from the external PHY and indicates a net-
work carrier.
General Pur-
pose I/O 3
(Internal PHY
Mode Only)
GPIO3
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully programma-
ble as either a push-pull output, an open-drain
output or a Schmitt-triggered input.
1
MII Collision
Detect
(Internal PHY
Mode)
COL
IS/O8
(PU)
In Internal PHY Mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 125 for additional information.
MII Collision
Detect
(External
PHY Mode)
COL
IS
(PD)
In External PHY Mode, the signal on this pin is
input from the external PHY and indicates a colli-
sion event.
General Pur-
pose I/O 0
(Internal PHY
Mode Only)
GPIO0
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully programma-
ble as either a push-pull output, an open-drain
output or a Schmitt-triggered input.
Note:
This pin may be used to signal PME
when Internal PHY and PME Modes of
operation are in effect. Refer to Chapter
5.0, "PME Operation" for additional
information.
TABLE 2-1:
MII INTERFACE PINS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com