Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP320 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSP320
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP320 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSP320 Datasheet HTML 1Page - Infineon Technologies AG BSP320 Datasheet HTML 2Page - Infineon Technologies AG BSP320 Datasheet HTML 3Page - Infineon Technologies AG BSP320 Datasheet HTML 4Page - Infineon Technologies AG BSP320 Datasheet HTML 5Page - Infineon Technologies AG BSP320 Datasheet HTML 6Page - Infineon Technologies AG BSP320 Datasheet HTML 7Page - Infineon Technologies AG BSP320 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BSP 320S
Data Sheet
4
05.99
Electrical Characteristics
Parameter
Symbol
Values
Unit
at
Tj = 25 ˚C, unless otherwise specified
min.
typ.
max.
Dynamic Characteristics
Gate charge at threshold
VDD = 40 V, ID = 0.1 A, VGS = 1 V
QG(th)
-
0.25
0.3
nC
Gate charge at
Vgs=7V
VDD = 40 V, ID = 2.9 A, VGS = 0 to 7 V
Qg(7)
9.3
nC
7.4
-
Gate charge total
VDD = 40 V, ID = 2.9 A, VGS = 0 to 10 V
Qg
-
9.7
12
Gate plateau voltage
VDD = 40 V, ID = 2.9 A
V(plateau)
-
4.7
-
V
Reverse Diode
Inverse diode continuous forward current
TA = 25 ˚C
IS
-
2.9
A
-
ISM
-
11.6
Inverse diode direct current,pulsed
TA = 25 ˚C
-
-
Inverse diode forward voltage
VGS = 0 V, IF = 5.8 A
0.95
1.2
V
VSD
Reverse recovery time
VR = 30 V, IF=IS , diF/dt = 100 A/µs
-
45
ns
56
trr
Reverse recovery charge
VR = 30 V, IF=lS , diF/dt = 100 A/µs
Qrr
-
0.08
0.12
µC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com