Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP320 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSP320
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP320 Datasheet(HTML) 7 Page - Infineon Technologies AG

  BSP320 Datasheet HTML 1Page - Infineon Technologies AG BSP320 Datasheet HTML 2Page - Infineon Technologies AG BSP320 Datasheet HTML 3Page - Infineon Technologies AG BSP320 Datasheet HTML 4Page - Infineon Technologies AG BSP320 Datasheet HTML 5Page - Infineon Technologies AG BSP320 Datasheet HTML 6Page - Infineon Technologies AG BSP320 Datasheet HTML 7Page - Infineon Technologies AG BSP320 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BSP 320S
Data Sheet
7
05.99
Typ. transfer characteristics
ID= f ( VGS )
parameter:
tp = 80 µs
VDS≥ 2 x ID x RDS(on)max
0
1
2
3
4
5
V
7
VGS
0
2
4
6
8
10
A
14
Gate threshold voltage
VGS(th) = f (Tj)
parameter :
VGS = VDS, ID = 20 µA
-60
-20
20
60
100
140
V
200
Tj
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
5.2
min
typ
max
Typ. capacitances
C = f(VDS)
Parameter:
VGS=0 V, f=1 MHz
0
5
10
15
20
25
V
35
VDS
1
10
2
10
3
10
pF
Cis
Cos
Crs
Forward characteristics of reverse diode
IF = f (VSD)
parameter:
Tj , tp = 80 µs
0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
-1
10
0
10
1
10
2
10
A
BSP320S
T
j = 25 ˚C typ
T
j = 25 ˚C (98%)
T
j = 150 ˚C typ
T
j = 150 ˚C (98%)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com