Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6985F3V3 Datasheet(PDF) 74 Page - STMicroelectronics

Part # A6985F3V3
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F3V3 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button A6985F3V3 Datasheet HTML 69Page - STMicroelectronics A6985F3V3 Datasheet HTML 70Page - STMicroelectronics A6985F3V3 Datasheet HTML 71Page - STMicroelectronics A6985F3V3 Datasheet HTML 72Page - STMicroelectronics A6985F3V3 Datasheet HTML 73Page - STMicroelectronics A6985F3V3 Datasheet HTML 74Page - STMicroelectronics A6985F3V3 Datasheet HTML 75Page - STMicroelectronics A6985F3V3 Datasheet HTML 76Page - STMicroelectronics A6985F3V3 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
Package information
A6985F
74/77
DocID027738 Rev 2
11
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
HTSSOP16 package information
Figure 67. HTSSOP16 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com