Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6985F3V3 Datasheet(PDF) 75 Page - STMicroelectronics

Part # A6985F3V3
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F3V3 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button A6985F3V3 Datasheet HTML 69Page - STMicroelectronics A6985F3V3 Datasheet HTML 70Page - STMicroelectronics A6985F3V3 Datasheet HTML 71Page - STMicroelectronics A6985F3V3 Datasheet HTML 72Page - STMicroelectronics A6985F3V3 Datasheet HTML 73Page - STMicroelectronics A6985F3V3 Datasheet HTML 74Page - STMicroelectronics A6985F3V3 Datasheet HTML 75Page - STMicroelectronics A6985F3V3 Datasheet HTML 76Page - STMicroelectronics A6985F3V3 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 75 / 77 page
background image
DocID027738 Rev 2
75/77
A6985F
Package information
77
.
Table 23. HTSSOP16 package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
1.20
A1
0.15
A2
0.80
1.00
1.05
b
0.19
0.30
c
0.09
0.20
D
4.90
5.00
5.10
D1
2.833.2
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
E2
2.833.2
e0.65
L
0.45
0.60
0.75
L1
1.00
k
0.00
8.00
aaa
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com