Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663-1 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9663-1
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663-1 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9663-1 Datasheet HTML 42Page - STMicroelectronics L9663-1 Datasheet HTML 43Page - STMicroelectronics L9663-1 Datasheet HTML 44Page - STMicroelectronics L9663-1 Datasheet HTML 45Page - STMicroelectronics L9663-1 Datasheet HTML 46Page - STMicroelectronics L9663-1 Datasheet HTML 47Page - STMicroelectronics L9663-1 Datasheet HTML 48Page - STMicroelectronics L9663-1 Datasheet HTML 49Page - STMicroelectronics L9663-1 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 104 page
background image
Diagnosis
L9663
46/104
DocID028693 Rev 1
The sync pulses(i) are monitored for under voltage, duration and rising edge transient
speed. The circuit evaluates the output voltage versus internal sync trigger signal and sets
the corresponding bit(s) in Status Register 1 (SR1):
Bit SYNCx_SLOW if a delayed sync pulse or pulse with Vt2< 2.5V /3.5V was generated
(slow Vsync rising time)
Bit SYNCx_UV if the sync pulse amplitude goes below 2.5V/3.5V for a time longer than
the specified filtering time (spec parameter tAsync_V).
STB is detected by the over voltage monitoring (see Section 4.4).
i.
For sync pulse triggering via pin see errata n.1822, Section 7: Errata



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com