Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663-1 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9663-1
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663-1 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9663-1 Datasheet HTML 45Page - STMicroelectronics L9663-1 Datasheet HTML 46Page - STMicroelectronics L9663-1 Datasheet HTML 47Page - STMicroelectronics L9663-1 Datasheet HTML 48Page - STMicroelectronics L9663-1 Datasheet HTML 49Page - STMicroelectronics L9663-1 Datasheet HTML 50Page - STMicroelectronics L9663-1 Datasheet HTML 51Page - STMicroelectronics L9663-1 Datasheet HTML 52Page - STMicroelectronics L9663-1 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
DocID028693 Rev 1
49/104
L9663
Communication interface
103
[6] PSI1_TGAP_PW: SYNC pulse method for PSI5 interface 1
This bit takes effect only in case bit [9]=1
0: tooth gap method
1: pulse width method
[5] RESERVED
[4:3] CLKIN_CFG: Clock input configuration
00: no external clock used
11: no external clock used
01: 1MHz external clock
10: 4MHz external clock
[2] SIDG_EN: SID and Gbit
This bit takes effect only in case of payload of 10 or 16 bits
0: SID bits and G bit not used
1: SID bits and G bit used
[1] CRC_CK: CRC / parity check on sensor data
0: the CRC bits on SPI MISO are those from the sensor
1: the CRC bits on SPI MISO are calculated by the transceiver
[0] VAS_SEL: VAS voltage regulator output
0: 5.3 V
1: 7.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com