Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH25SPQR Datasheet(PDF) 8 Page - STMicroelectronics

Part # LNBH25SPQR
Description  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25SPQR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LNBH25SPQR Datasheet HTML 4Page - STMicroelectronics LNBH25SPQR Datasheet HTML 5Page - STMicroelectronics LNBH25SPQR Datasheet HTML 6Page - STMicroelectronics LNBH25SPQR Datasheet HTML 7Page - STMicroelectronics LNBH25SPQR Datasheet HTML 8Page - STMicroelectronics LNBH25SPQR Datasheet HTML 9Page - STMicroelectronics LNBH25SPQR Datasheet HTML 10Page - STMicroelectronics LNBH25SPQR Datasheet HTML 11Page - STMicroelectronics LNBH25SPQR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Application information
LNBH25S
8/37
DocID026736 Rev 2
Figure 2: Tone enable and disable timing (using external waveform)
2.3
Data encoding by external DiSEqC envelope control through
the DSQIN pin
If an external DiSEqC envelope source is available, the internal 22 kHz generator can be
active during the tone transmission by connecting the DiSEqC envelope source to the
DSQIN pin. In this case the I²C tone control bits must be set: EXTM = 0 and TEN = 1. In
this manner, the internal 22 kHz signal is superimposed to the VOUT DC voltage to generate
the LNB output 22 kHz tone. During the period in which the DSQIN is kept high, the internal
control circuit activates the 22 kHz tone output.
The 22 kHz tone on the VOUT pin is active with about 6 µs delay from the DSQIN TTL
signal rising edge, and it stops with a delay time in the range from 15 µs to 60 µs after the
22 kHz TTL signal on DSQIN has expired, refer to Figure 3: "Tone enable and disable
timing (using envelope signal)".
Figure 3: Tone enable and disable timing (using envelope signal)
2.4
LPM (low power mode)
In order to reduce the total power loss, the LNBH25S is provided with the LPM I²C bit that
can be active (LPM=1) in applications where the 22 kHz tone can be disabled for long
periods
. The LPM bit can be set to “1” when the DiSEqC data transmission is not requested
(no 22 kHz tone output is present); the drop voltage across the integrated LDO regulator
(VUP-VOUT) is reduced to 0.6 V typ. and, consequently, the power loss inside the LNBH25S
linear regulator is reduced as well. For example: at 500 mA load, LPM=1 allowing a
minimum LDO dissipated power of 0.3 W typ. It is recommended to set the LP
M bit to “0”
before starting the 22 kHz DiSEqC data transmission; at this condition the drop voltage
across the LDO is kept to 1 V typ. LPM=0 if the LPM function is not used.
2.5
DiSEqC 2.0 implementation
The built-in 22 kHz tone detector completes the fully bi-directional DiSEqC 2.0 interfacing.
The input pin (DETIN) has to be AC coupled to the DiSEqC bus, and extracted PWK data
is available on the DSQOUT pin. To comply with the bi-directional DiSEqC 2.0 bus
hardware requirements, an output RL filter is needed. In order to avoid 22 kHz waveform
~ 6 µs
15 µ s ~ 60 µs
DSQIN
T one
output
GIPG0907141158LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com