Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5975D Datasheet(PDF) 39 Page - STMicroelectronics

Part # R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Datasheet(HTML) 39 Page - STMicroelectronics

Back Button R5975D Datasheet HTML 35Page - STMicroelectronics R5975D Datasheet HTML 36Page - STMicroelectronics R5975D Datasheet HTML 37Page - STMicroelectronics R5975D Datasheet HTML 38Page - STMicroelectronics R5975D Datasheet HTML 39Page - STMicroelectronics R5975D Datasheet HTML 40Page - STMicroelectronics R5975D Datasheet HTML 41Page - STMicroelectronics R5975D Datasheet HTML 42Page - STMicroelectronics R5975D Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
DocID026878 Rev 1
39/47
R5975D
Application information
47
where the ideal duty cycle D for the boost converter is:
Equation 47
As for positive and inverting buck-boost (see Section 8.6 on page 35 and Section 8.7 on
page 37.) the measured real duty cycle must be used to calculate the switch current level.
The peak current flowing in the embedded switch is:
Equation 48
while its average current is equal to:
Equation 49
This is due to the fact that the current flowing through the internal power switch is delivered
to the output only during the OFF phase.
The switch peak current must be lower than the minimum current limit of the overcurrent
protection (see Table 4 on page 8 for details) while the average current must be lower than
the rated DC current of the device.
As a consequence, the maximum output current is:
Equation 50
where ISW MAX represents the rated current of the device.
Figure 25 shows a tested circuit to implement a boost current source for high current LED
driving (350 mA). To implement a boost conversion the LED string must be composed of
a minimum device number having a total voltage drop larger than maximum input voltage.
The input voltage can be either DC or AC thanks to the input bridge rectifier. In the case of
a DC voltage source D1, D2, D3, D4, C1, and C2 can be removed from the circuit and 1 F
capacitor value can be used for C5.
D
VOUT VIN
–
VOUT
------------------------------
=
ISW
ILOAD
1D
–
---------------
IRIPPLE
2
--------------------
+
ILOAD
1D
–
---------------
VIN
2L
-----------
D
fSW
---------
+
==
ISW
ILOAD
1D
–
---------------
=
IOUT MAX ISW MAX 1D
–




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com