Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5975D Datasheet(PDF) 40 Page - STMicroelectronics

Part # R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Datasheet(HTML) 40 Page - STMicroelectronics

Back Button R5975D Datasheet HTML 36Page - STMicroelectronics R5975D Datasheet HTML 37Page - STMicroelectronics R5975D Datasheet HTML 38Page - STMicroelectronics R5975D Datasheet HTML 39Page - STMicroelectronics R5975D Datasheet HTML 40Page - STMicroelectronics R5975D Datasheet HTML 41Page - STMicroelectronics R5975D Datasheet HTML 42Page - STMicroelectronics R5975D Datasheet HTML 43Page - STMicroelectronics R5975D Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Application information
R5975D
40/47
DocID026878 Rev 1
8.9
Synchronization example
See Section 5.3 on page 12 for details.
Figure 26. Synchronization example
8.10
Compensation network with MLCC at the output
The R5975D standard compensation network (please refer to Figure on page 2 and
Section 7 on page 19) introduces a single zero and a low frequency pole in the system
bandwidth, so a high ESR output capacitor must be selected to compensate the 180-degree
phase shift given by the LC double pole.
The selection of the output capacitor must guarantee that the zero introduced by this
component is inside the designed system bandwidth and close to the frequency of the
double pole introduced by the LC filter. A general rule for the selection of this compound for
the system stability is provided in Equation 51.
Equation 51
MLCCs (multiple layer ceramic capacitor) with values in the range of 10 µF - 22 µF and
rated voltages in the range of 10 V - 25 V are available today at relatively low cost from
many manufacturers.
These capacitors have very low ESR values (a few m
) and are therefore occasionally
used for the output filter in order to reduce the voltage ripple and the overall size of the
application.
However, the zero given by the output capacitor falls outside the designed bandwidth and so
the system becomes unstable with the standard compensation network.
fZ ESR
1
2
 ESR C
OUT

------------------------------------------------
=
bandwidth
fLC f
Z ESR
10 fLC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com