Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT2902 Datasheet(PDF) 11 Page - STMicroelectronics

Part # RT2902
Description  RobuST low-power quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2902 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RT2902 Datasheet HTML 7Page - STMicroelectronics RT2902 Datasheet HTML 8Page - STMicroelectronics RT2902 Datasheet HTML 9Page - STMicroelectronics RT2902 Datasheet HTML 10Page - STMicroelectronics RT2902 Datasheet HTML 11Page - STMicroelectronics RT2902 Datasheet HTML 12Page - STMicroelectronics RT2902 Datasheet HTML 13Page - STMicroelectronics RT2902 Datasheet HTML 14Page - STMicroelectronics RT2902 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID026928 Rev 1
11/16
RT2902
Typical single-supply applications
16
4
Typical single-supply applications
Figure 18. AC coupled inverting amplifier
Figure 19. AC coupled non-inverting amplifier
1/4
RT2902
~
0
2VPP
R
10 k
Ω
L
Co
e o
R
6.2 k
Ω
B
R
100 k
Ω
f
R1
10 k
Ω
C I
e I
VCC
R2
100 k
Ω
C1
10
μF
R3
100 k
Ω
A= -
R
R1
V
f
(a s s hown A
= -10)
V
1/4
RT2902
~
0
2 V PP
R
10 k
Ω
L
Co
e o
R
6.2 k
Ω
B
C1
0. 1
μF
e I
VCC
(a s s hown A
= 11)
V
A= 1 + R2
R1
V
R1
100 k
Ω
R2
1 M
Ω
C I
R3
1 M
Ω
R4
100 k
Ω
R5
100 k
Ω
C2
10
μF
Figure 20. Non-inverting DC gain
Figure 21. DC summing amplifier
R1
10 k
Ω
R2
1 M
Ω
1/4
RT2902
10 k
Ω
e I
e
O
+5 V
(mV )
0
AV =1 +
R2
R1
(A s s hown
= 101 )
A
V
1/4
RT2902
e
O
e
4
e
3
e
2
e
1
100 k
Ω
100 k
Ω
100 k
Ω
100 k
Ω
100 k
Ω
100 k
Ω
eo = e1 + e2 - e3 - e4
where (e1 + e2)
(e3 + e4)
to keep eo
0 V
Figure 22. Active bandpass filter
Figure 23. High input Z adjustable gain DC
instrumentation amplifier
R3
10 k
Ω
1/4
RT2902
e
1
e
O
R8
100 k
Ω
R7
100 k
Ω
C3
10
μF
VCC
R5
470 k
Ω
C2
330 pF
R4
10 M
Ω
R6
470 k
Ω
R1
100 k
Ω
C1
330 pF
1/4
RT2902
1/4
RT2902
Fo = 1 kHz
Q = 50
Av = 100 (40 dB)
R3
100 k
Ω
e
O
R1
100 k
Ω
e
1
1/4
RT2902
R7
100 k
Ω
R6
100 k
Ω
R5
100 k
Ω
e
2
R2
2 k
Ω
Ga in adjust
R4
100 k
Ω
1/4
RT2902
1/4
RT2902
If R1 = R5 and R3 = R4 = R6 = R7
eo = [ 1 +
] (e2 - e1)
As sho wn eo = 101 (e2 - e1)
2R 1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com