Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT2904WHYDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # RT2904WHYDT
Description  RobuST low-power dual operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2904WHYDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RT2904WHYDT Datasheet HTML 2Page - STMicroelectronics RT2904WHYDT Datasheet HTML 3Page - STMicroelectronics RT2904WHYDT Datasheet HTML 4Page - STMicroelectronics RT2904WHYDT Datasheet HTML 5Page - STMicroelectronics RT2904WHYDT Datasheet HTML 6Page - STMicroelectronics RT2904WHYDT Datasheet HTML 7Page - STMicroelectronics RT2904WHYDT Datasheet HTML 8Page - STMicroelectronics RT2904WHYDT Datasheet HTML 9Page - STMicroelectronics RT2904WHYDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
RT2904WH
6/13
DocID026931 Rev 1
SR
Slew rate (unity gain)
VCC+ = 15 V, Vi = 0.5 to 3 V, RL = 2 kΩ, CL = 100 pF,
Tmin ≤ Tamb ≤ Tmax
0.3
0.2
0.6
V/µs
GBP
Gain bandwidth product f = 100 kHz
VCC+ = 30 V, Vin = 10 mV, RL = 2 kΩ, CL = 100 pF
Tmin ≤ Tamb ≤ Tmax
0.7
0.45
1.1
MHz
THD
Total harmonic distortion
f = 1 kHz, AV = 20 dB, RL = 2 kΩ, Vo = 2 Vpp,
CL = 100 pF, VCC = 30 V
0.02
%
en
Equivalent input noise voltage, f = 1 kHz, RS = 100 Ω,
VCC = 30 V
55
nV/
√Hz
DVio
Input offset voltage drift
7
30
µV/°C
DIio
Input offset current drift
10
300
pA/°C
VO1/VO2
Channel separation(3)
1 kHz
≤ f ≤ 20 kHz
120
dB
1.
VO = 1.4 V, RS = 0 Ω, 5 V < VCC+ < 30 V, 0 V < Vic < (VCC+) - 1.5 V.
2. The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output,
so there is no change in the loading charge on the input lines.
3. Due to the proximity of external components, ensure that stray capacitance does not cause coupling between these
external parts. Typically, this can be detected because this type of capacitance increases at higher frequencies.
Table 3. VCC+ = 5V, VCC- = ground, Vo = 1.4 V, Tamb = 25 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com