Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT2904WHYDT Datasheet(PDF) 8 Page - STMicroelectronics

Part # RT2904WHYDT
Description  RobuST low-power dual operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2904WHYDT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RT2904WHYDT Datasheet HTML 4Page - STMicroelectronics RT2904WHYDT Datasheet HTML 5Page - STMicroelectronics RT2904WHYDT Datasheet HTML 6Page - STMicroelectronics RT2904WHYDT Datasheet HTML 7Page - STMicroelectronics RT2904WHYDT Datasheet HTML 8Page - STMicroelectronics RT2904WHYDT Datasheet HTML 9Page - STMicroelectronics RT2904WHYDT Datasheet HTML 10Page - STMicroelectronics RT2904WHYDT Datasheet HTML 11Page - STMicroelectronics RT2904WHYDT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical characteristics
RT2904WH
8/13
DocID026931 Rev 1
Figure 8. Output characteristics vs. GND
Figure 9. Current limiting
OUT P UT SINK C URRENT (
μ A)
0,001
0,01
0,1
1
10
100
VC C = +5V
V C C = +15V
V C C = +30V
-
IO
VO
T amb =+25°C
vcc /2
vcc
+
10
1
0.1
0.01
Figure 10. Voltage follower pulse response
on 50 pF
Figure 11. Input voltage range
Figure 12. Voltage gain
Figure 13. Gain bandwidth product
01020
30
40
POSITIVE SUPPLY VOLTAGE (V)
160
120
80
40
L
R = 20k
Ω
L
R= 2k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com