Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCOM05 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STCOM05
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM05 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STCOM05 Datasheet HTML 13Page - STMicroelectronics STCOM05 Datasheet HTML 14Page - STMicroelectronics STCOM05 Datasheet HTML 15Page - STMicroelectronics STCOM05 Datasheet HTML 16Page - STMicroelectronics STCOM05 Datasheet HTML 17Page - STMicroelectronics STCOM05 Datasheet HTML 18Page - STMicroelectronics STCOM05 Datasheet HTML 19Page - STMicroelectronics STCOM05 Datasheet HTML 20Page - STMicroelectronics STCOM05 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
DocID028515 Rev 1
17/58
STCOM
Description
58
1.3.8
Multi-AHB bus matrix
The 32-bit multi-AHB bus matrix interconnects all the masters (Cortex™-M4, DMA, and real-
time engine) and the slaves (Flash memory, RAM, AHB and APB peripherals, and real-time
engine) and ensures a seamless and efficient operation even when several high-speed
peripherals work simultaneously.
1.3.9
Timers and watchdog
The STCOM embeds 8 general purpose timers, two advanced timers and one window
watchdog. The Cortex™-M4 is also equipped with a SysTick timer.
General purpose timer (GPT)
The STCOM device includes 8 full-featured general purpose timers based on a 16-bit
autoreload up/down counter and a 16-bit programmable prescaler.
Advanced timers (AT)
The STCOM includes 2 advanced-control timers based on a 16-bit autoreload up/down
counter driven by a 16-bit programmable prescaler. They all feature 4 independent channels
for input capture, output compare, PWM generation or one pulse mode output.
It may be used for a variety of purposes, including measuring the pulse lengths of input
signals (input capture) or generating output waveforms (output compare, PWM,
complementary PWM with deadtime insertion).
Window watchdog (WWDG)
The window watchdog is used to detect the occurrence of a software fault, usually
generated by external interference or by unforeseen logical conditions, which causes the
application program to abandon its normal sequence. The watchdog circuit generates
a device reset on expiry of a programmed time period, unless the program refreshes the
contents of the down counter register. A device reset is also generated if the down counter
value is refreshed before the down counter has reached the proper window register value.
This implies that the counter must be refreshed in a limited window.
The window watchdog is based on a 7-bit free-running down counter with two conditional
resets: the down counter is reloaded outside the window or the down counter value
becomes less than 0x40.
The window watchdog supports early wake-up interrupt trigged when the down counter is
equal to 0x40.
SysTick timer
The Cortex™-M4 has a 24-bit system timer, SysTick, which counts down from the
programmable reload value to zero. It supports the autoreload and can generate
a maskable system interrupt when the counter reaches zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com