Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCOM05 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STCOM05
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM05 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STCOM05 Datasheet HTML 15Page - STMicroelectronics STCOM05 Datasheet HTML 16Page - STMicroelectronics STCOM05 Datasheet HTML 17Page - STMicroelectronics STCOM05 Datasheet HTML 18Page - STMicroelectronics STCOM05 Datasheet HTML 19Page - STMicroelectronics STCOM05 Datasheet HTML 20Page - STMicroelectronics STCOM05 Datasheet HTML 21Page - STMicroelectronics STCOM05 Datasheet HTML 22Page - STMicroelectronics STCOM05 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
DocID028515 Rev 1
19/58
STCOM
Description
58
General purpose analog-to-digital converter (ADC)
One 12-bit SAR ADC working at a maximum conversion rate of 2 Msps is embedded in the
STCOM. The ADC has 6 external available input channels performing conversion in
a single, continuous or scan mode. The core accesses to the peripheral through a 4x12-bit
FIFO interface.
The ADC can be served by the DMA controller. Additional 2 channels are internally used to
monitor the VBAT and the low power temperature sensor.
1.4
Cryptographic engine (CRYP)
The STCOM embeds an advanced hardware AES peripheral which implements an
advanced standard cryptographic algorithm according to the NIST FIPS 197. The block
processes 128-bit data blocks using a key with the following possible sizes: 128, 192, 256
bits. The peripheral also supports the following modes: “Electronic Code Book” (ECB),
“Cipher Block Chaining” (CBC), “Counter “mode (CTR), “Galois/Counter Mode” (GCM),
GMAC and CCM modes.
The peripheral is able to encrypt and decrypt data. Interrupt can be generated when one
operation is finished.
1.4.1
True random number generator (TRNG)
The STCOM embeds a TRNG processor based on a continuous analog noise that provides
a random 16-bit value. To avoid pseudo random sequences, two consecutive accesses
have to be performed when the ready bit in the status register is set to 1.
1.4.2
Pseudo random number generator (PRNG)
The STCOM embeds a PRNG processor that provides a pseudo random 32-bit value. Initial
seed can be configured by software.
1.5
Interprocessor communication (IPC)
The Cortex™-M4 core and the real-time engine communicate by means of an additional
8 kByte shared static RAM. This memory can be accessed by the two cores through an
interprocessor communication block that guarantees coherent and consistent read and
modify operations, to provide several functionalities to the system, among the others:
Configuration of real-time engine modes and functionalities during the normal working
operations
Data and information exchange between the Cortex™-M4 and real-time engine in both
directions.
The Cortex™-M4 wake up from a low power mode triggered by the real-time engine.
The real-time engine wakes up from a low power mode triggered by the Cortex™-M4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com