Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF9HN65M2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STF9HN65M2
Description  N-channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF9HN65M2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STF9HN65M2 Datasheet HTML 4Page - STMicroelectronics STF9HN65M2 Datasheet HTML 5Page - STMicroelectronics STF9HN65M2 Datasheet HTML 6Page - STMicroelectronics STF9HN65M2 Datasheet HTML 7Page - STMicroelectronics STF9HN65M2 Datasheet HTML 8Page - STMicroelectronics STF9HN65M2 Datasheet HTML 9Page - STMicroelectronics STF9HN65M2 Datasheet HTML 10Page - STMicroelectronics STF9HN65M2 Datasheet HTML 11Page - STMicroelectronics STF9HN65M2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Test circuits
STF9HN65M2
8/13
DocID027606 Rev 2
3
Test circuits
Figure 14: Switching times test circuit for resistive
load
Figure 15: Gate charge test circuit
Figure 16: Test circuit for inductive load switching
and diode recovery times
Figure 17: Unclamped inductive load test circuit
Figure 18: Unclamped inductive waveform
Figure 19: Switching time waveform
AM01469v 1
VDD
47 k
Ω
1 k
Ω
47 k
Ω
2.7 k
Ω
1 k
Ω
12 V
Vi
≤ VGS
2200 μ F
PW
I G = CONST
100 Ω
100 nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100 µH
µF
3.3
1000
µF
VDD
Ω
D.U.T.
V
(BR)DSS
V
DD
V
DD
V
D
I
DM
I
D
AM01472v 1
AM01473v 1
0
V
GS
90%
V
DS
t
on
90%
10%
90%
10%
t
d(on)
t
r
t
t
d(off)
t
f
10%
0
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com