Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF9HN65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF9HN65M2
Description  N-channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF9HN65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STF9HN65M2 Datasheet HTML 1Page - STMicroelectronics STF9HN65M2 Datasheet HTML 2Page - STMicroelectronics STF9HN65M2 Datasheet HTML 3Page - STMicroelectronics STF9HN65M2 Datasheet HTML 4Page - STMicroelectronics STF9HN65M2 Datasheet HTML 5Page - STMicroelectronics STF9HN65M2 Datasheet HTML 6Page - STMicroelectronics STF9HN65M2 Datasheet HTML 7Page - STMicroelectronics STF9HN65M2 Datasheet HTML 8Page - STMicroelectronics STF9HN65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
April 2015
DocID027606 Rev 2
1/13
This is information on a product in full production.
www.st.com
STF9HN65M2
N-
channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2
Power MOSFET in a TO-220FP package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STF9HN65M2
600 V
0.82 Ω
5.5 A
•
Extremely low gate charge
•
Excellent output capacitance (COSS) profile
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics,
rendering it suitable for the most demanding high
efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STF9HN65M2
9HN65M2
TO-220FP
Tube
TO-220FP
1
2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)


Similar Part No. - STF9HN65M2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF9HN65M2 ISC-STF9HN65M2 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF9HN65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STU9HN65M2 STMICROELECTRONICS-STU9HN65M2 Datasheet
417Kb / 12P
N-channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2 Power MOSFET in an IPAK package
23-Apr-2015
STFH24N60M2 STMICROELECTRONICS-STFH24N60M2 Datasheet
747Kb / 12P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh™ M2 Power MOSFET in a TO-220FP wide creepage package
June 2016 Rev 2
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
23-Apr-2018
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
04-Jun-2018
STD12N60M2 STMICROELECTRONICS-STD12N60M2 Datasheet
590Kb / 19P
N-channel 600 V, 0.395 Ω typ., 9 A MDmesh M2 Power MOSFET in a DPAK package
12-Apr-2019
STB20N60M2-EP STMICROELECTRONICS-STB20N60M2-EP Datasheet
475Kb / 17P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a D²PAK package
04-Jun-2018
STF33N60DM2 STMICROELECTRONICS-STF33N60DM2 Datasheet
709Kb / 13P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in TO-220FP package
05-Jul-2016
STL11N60M2-EP STMICROELECTRONICS-STL11N60M2-EP Datasheet
618Kb / 15P
N-channel 600 V, 0.600 Ω typ., 5.5 A MDmesh™ M2 EP Power MOSFET in a PowerFLAT™ 5x6 HV package
26-Apr-2018
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com