Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF25N60M2-EP Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF25N60M2-EP
Description  N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF25N60M2-EP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF25N60M2-EP Datasheet HTML 2Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 3Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 4Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 5Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 6Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 7Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 8Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 9Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STF25N60M2-EP
6/14
DocID027251 Rev 2
2.2
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Gate charge vs gate-source
voltage
Figure 7: Static drain-source on-resistance
GIPG021220141118ALS
I
D (A)
10
1
0.1
0.1
1
100
V
DS(V)
10
10µs
100µs
1ms
10ms
T
j=150°C
T
C=25°C
Single pulse
I
D(A)
15
10
5
0
0
8
V
DS(V)
4
12
20
25
30
35
40
16
V
GS = 6,7,8,9,10 V
V
GS = 5 V
V
GS = 4 V
GIPG011220141438ALS
GIPG281120141611ALS
I
D(A)
5
0
0
4
V
GS(V)
8
2
6
10
15
V
DS = 16 V
20
25
30
35
40
6
4
2
0
0
5
20
8
10
15
10
25
300
200
100
0
400
500
12
30
600
V
DD = 480 V
V
DS
V
GS
(V)
Q
g(nC)
V
DS
(V)
GIPG011220140958ALS
0.177
0.174
0.171
0.168
0
4
12
8
16
0.180
0.183
0.186
V
GS = 10 V
R
DS(on) (Ω)
I
D(A)
GIPG011220141210ALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com