Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF25N60M2-EP Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF25N60M2-EP
Description  N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF25N60M2-EP Datasheet(HTML) 5 Page - STMicroelectronics

  STF25N60M2-EP Datasheet HTML 1Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 2Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 3Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 4Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 5Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 6Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 7Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 8Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STF25N60M2-EP
Electrical characteristics
DocID027251 Rev 2
5/14
Table 8: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 300 V, ID = 9 A
RG = 4.7
Ω, VGS = 10 V
(see Figure 15: "Switching
times test circuit for
resistive load" and Figure
20: "Switching time
waveform")
-
15
-
ns
tr
Rise time
-
10
-
ns
td(off)
Turn-off-delay time
-
61
-
ns
tf
Fall time
-
16
-
ns
Table 9: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
18
A
ISDM
(1)
Source-drain current
(pulsed)
-
72
A
VSD
(2)
Forward on voltage
VGS = 0 V, ISD = 18 A
-
1.6
V
trr
Reverse recovery time
ISD = 18 A,
di/dt = 100 A/µs,
VDD = 100 V (see Figure
17: " Test circuit for
inductive load switching
and diode recovery times")
-
360
ns
Qrr
Reverse recovery charge
-
5
µC
IRRM
Reverse recovery current
-
28
A
trr
Reverse recovery time
ISD = 18 A,
di/dt = 100 A/µs,
VDD = 100 V, Tj = 150 °C
(see Figure 17: " Test
circuit for inductive load
switching and diode
recovery times")
-
445
ns
Qrr
Reverse recovery charge
-
6.5
µC
IRRM
Reverse recovery current
-
29
A
Notes:
(1)
Pulse width is limited by safe operating area
(2)
Pulsed: pulse duration = 300 µs, duty cycle 1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com