Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP35N60DM2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP35N60DM2
Description  Extremely high dv/dt ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP35N60DM2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP35N60DM2 Datasheet HTML 2Page - STMicroelectronics STP35N60DM2 Datasheet HTML 3Page - STMicroelectronics STP35N60DM2 Datasheet HTML 4Page - STMicroelectronics STP35N60DM2 Datasheet HTML 5Page - STMicroelectronics STP35N60DM2 Datasheet HTML 6Page - STMicroelectronics STP35N60DM2 Datasheet HTML 7Page - STMicroelectronics STP35N60DM2 Datasheet HTML 8Page - STMicroelectronics STP35N60DM2 Datasheet HTML 9Page - STMicroelectronics STP35N60DM2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STP35N60DM2
6/13
DocID028348 Rev 1
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Gate charge vs gate-source voltage
Figure 7: Static drain-source on-resistance
K
tp
Ƭ
Zth= K*Rthj-c
δ= tp/Ƭ
Single pulse
0.01
δ=0.5
10 -1
10 -2
10 -4
10 -5
10 -3
10 -2
10 -1
t
P(s)
0.2
0.1
0.05
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com