Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP35N60DM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP35N60DM2
Description  Extremely high dv/dt ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP35N60DM2 Datasheet(HTML) 5 Page - STMicroelectronics

  STP35N60DM2 Datasheet HTML 1Page - STMicroelectronics STP35N60DM2 Datasheet HTML 2Page - STMicroelectronics STP35N60DM2 Datasheet HTML 3Page - STMicroelectronics STP35N60DM2 Datasheet HTML 4Page - STMicroelectronics STP35N60DM2 Datasheet HTML 5Page - STMicroelectronics STP35N60DM2 Datasheet HTML 6Page - STMicroelectronics STP35N60DM2 Datasheet HTML 7Page - STMicroelectronics STP35N60DM2 Datasheet HTML 8Page - STMicroelectronics STP35N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STP35N60DM2
Electrical characteristics
DocID028348 Rev 1
5/13
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on
delay time
VDD = 300 V, ID = 14 A RG = 4.7 Ω,
VGS = 10 V (see Figure 14: "Test circuit for
resistive load switching times" and Figure 19:
"Switching time waveform")
-
21.2
-
ns
tr
Rise time
-
17
-
td(off)
Turn-off
delay time
-
68
-
tf
Fall time
-
10.7
-
Table 8: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain
current
-
28
A
ISDM
(1)
Source-drain
current
(pulsed)
-
112
A
VSD
(2)
Forward on
voltage
VGS = 0 V, ISD = 28 A
-
1.6
V
trr
Reverse
recovery time
ISD = 28 A, di/dt = 100 A/µs, VDD = 60 V
(see Figure 16: "Test circuit for inductive
load switching and diode recovery times")
-
120
ns
Qrr
Reverse
recovery
charge
-
572
nC
IRRM
Reverse
recovery
current
-
10.2
A
trr
Reverse
recovery time
ISD = 28 A, di/dt = 100 A/µs, VDD = 60 V,
Tj = 150 °C (see Figure 16: "Test circuit for
inductive load switching and diode
recovery times")
-
215
ns
Qrr
Reverse
recovery
charge
-
1.89
µC
IRRM
Reverse
recovery
current
-
17.7
A
Notes:
(1)
Pulse width is limited by safe operating area.
(2)
Pulse test: pulse duration = 300 µs, duty cycle 1.5%.
Table 9: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown voltage
IGS = ±250 µA, ID = 0 A
±30
-
-
V
The built-in back-to-back Zener diodes are specifically designed to enhance the ESD
performance of the device. The Zener voltage facilitates efficient and cost-effective device
integrity protection, thus eliminating the need for additional external componentry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com