Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCF07PNR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STCF07PNR
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07PNR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STCF07PNR Datasheet HTML 8Page - STMicroelectronics STCF07PNR Datasheet HTML 9Page - STMicroelectronics STCF07PNR Datasheet HTML 10Page - STMicroelectronics STCF07PNR Datasheet HTML 11Page - STMicroelectronics STCF07PNR Datasheet HTML 12Page - STMicroelectronics STCF07PNR Datasheet HTML 13Page - STMicroelectronics STCF07PNR Datasheet HTML 14Page - STMicroelectronics STCF07PNR Datasheet HTML 15Page - STMicroelectronics STCF07PNR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Detailed description
STCF07
12/26
Doc ID 16757 Rev 3
8
Detailed description
8.1
Buck-boost converter
The regulation of the PWM controller is done by sensing the current of the LED through RLC
or RLC + RHC, depending on the CSEL voltage. Depending of the forward voltage of the
flash LED, the device can automatically change between buck (step-down) and boost (step-
up) mode:
Boost region = VOUT > VBAT: this configuration is used in most cases, as the
output voltage (VOUT = VF + ILED x RSENSE) is higher than VBAT
Buck region = VOUT < VBAT
Buck / boost region = VOUT ~ VIN
8.2
High current mode
ENABLE = CSEL = VBAT
The STCF07 operates continuously to supply maximum current to the LED up to 800 mA in
high current mode. If high current mode is used in flash applications, then it is possible to
increase the LED current up to 1066 mA.
The current can be adjusted with the RHC resistor. The current is then programmed at:
IHC = 160 mV / RHC
For a current programmed at 800 mA, the sensing resistor is equal to 0.20
Ω.
8.3
Low current mode
ENABLE = VBAT, CSEL = 0
The STCF07 can continuously provide an adjustable current starting from 20 mA in low
current mode. The current adjustment is done with resistor RLC. The current is then
programmed at:
ILC = 160 mV / (RHC + RLC)
The NTC divider for measurement of the LED temperature is active.
8.4
Shutdown mode
ENABLE = 0
When the device is not used, it can be put in shutdown mode, which reduces the quiescent
current to 1 µA. The NTC protection in this mode is not active.
8.5
Soft-start
To avoid spikes on the battery during the startup sequence, a soft-start function has been
implemented. The soft-start function is achieved by progressively increasing the feedback
voltage reference. In worst-case conditions, the startup time, as defined below (IOUT = IMAX),
does not exceed 2 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com