Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCF07PNR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STCF07PNR
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07PNR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STCF07PNR Datasheet HTML 11Page - STMicroelectronics STCF07PNR Datasheet HTML 12Page - STMicroelectronics STCF07PNR Datasheet HTML 13Page - STMicroelectronics STCF07PNR Datasheet HTML 14Page - STMicroelectronics STCF07PNR Datasheet HTML 15Page - STMicroelectronics STCF07PNR Datasheet HTML 16Page - STMicroelectronics STCF07PNR Datasheet HTML 17Page - STMicroelectronics STCF07PNR Datasheet HTML 18Page - STMicroelectronics STCF07PNR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
STCF07
PCB design
Doc ID 16757 Rev 3
15/26
9
PCB design
9.1
PCB design rules
The STCF07 is a powerful switched device, so the PCB must be designed following the
rules for designing switched supplies. It is recommended to use at least a two-layer PCB.
The power wiring must be as short and wide as possible, due to the high current. All external
components should be placed close to the STCF07. High-energy switched loops should be
as small as possible to reduce EMI. Most LEDs require cooling, which may be implemented
by a defined copper area on the PCB. Use the reference guide for each LED to design the
heatsink. Place the RFLASH resistor as close as possible to pins 5 and 6. When a change of
PCB layer is required, the number of vias must be sufficient. Place the NTC resistor as close
as possible to the LED for good temperature sensing. Direct connection of GND and PGND
is needed to achieve accurate output current values. The LED current should not flow
through this track. Sensing of the voltage on the RFLASH resistor must be done by
connecting a wire directly from pin 6 to the RFLASH resistor; no current flows through this
track. Pins 5 and 6 must be connected to the pin of the RFLASH resistor. The exposed pad
must be connected to the PGND, with a track as wide as possible. It is recommended to
place the copper plate, connected through the vias to the exposed pad, on the bottom layer
to create a heatsink for the device. It is further recommended that the copper plate used be
as large as possible to achieve optimal thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com